Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G952T25U Datasheet(PDF) 3 Page - Global Mixed-mode Technology Inc

Part # G952T25U
Description  1.8V 1A Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G952T25U Datasheet(HTML) 3 Page - Global Mixed-mode Technology Inc

  G952T25U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 8Page - Global Mixed-mode Technology Inc G952T25U Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Ver: 2.6
Mar 19, 2007
TEL: 886-3-5788833
http://www.gmt.com.tw
3
G952
Global Mixed-mode Technology Inc.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regulator
output no longer maintains regulation against further re-
ductions in input voltage. Measured when the output drops
100mV below its nominal value. Dropout voltage is af-
fected by junction temperature, load current and minimum
input supply requirements.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low dissi-
pation or by using pulse techniques such that average chip
temperature is not significantly affected.
Load Regulation
The change in output voltage for a change in load current
at constant chip temperature. The measurement is made
under conditions of low dissipation or by using pulse tech-
niques such that average chip temperature is not signifi-
cantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the regu-
lator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip and is
not delivered to the load.


Similar Part No. - G952T25U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952T63U GMT-G952T63U Datasheet
142Kb / 8P
   1.8V 1A Regulator
More results

Similar Description - G952T25U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G952 GMT-G952 Datasheet
142Kb / 8P
   1.8V 1A Regulator
G952 GMT-G952_15 Datasheet
68Kb / 1P
   1.8V 1A Regulator
logo
Silicon Standard Corp.
SS8026 SSC-SS8026 Datasheet
296Kb / 12P
   1.8V 1A Positive Voltage Regulator
logo
International Rectifier
IRU1010-18CDTR IRF-IRU1010-18CDTR Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
logo
Allegro MicroSystems
SI-3005KWM ALLEGRO-SI-3005KWM Datasheet
357Kb / 9P
   1A, Low-Dropout, Dual Output, 1.5V & 1.8V Regulator
May 16, 2005
SI-3003KWD ALLEGRO-SI-3003KWD Datasheet
439Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 2.5V Regulator
SI-3003KWF ALLEGRO-SI-3003KWF Datasheet
260Kb / 9P
   1A, Low-Dropout, Dual Outpout, 1.8V & 2.5V Regulator
SI-3006KWD ALLEGRO-SI-3006KWD Datasheet
441Kb / 9P
   1A, Low-Dropout, Dual Output, 1.8V & 3.3V Regulator
logo
Global Mixed-mode Techn...
G957 GMT-G957 Datasheet
307Kb / 8P
   1.5V 1A Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com