Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G926CP1U Datasheet(PDF) 7 Page - Global Mixed-mode Technology Inc

Part # G926CP1U
Description  Dual 500mA LDO Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G926CP1U Datasheet(HTML) 7 Page - Global Mixed-mode Technology Inc

  G926CP1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G926CP1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Ver: 0.3 Preliminary
Oct 19, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
7
G926
Global Mixed-mode Technology Inc.
Package Information
SOP-8 Package
Note:
1. Package body sizes exclude mold flash and gate burrs
2. Dimension L is measured in gage plane
3. Tolerance 0.10mm unless otherwise specified
4. Controlling dimension is millimeter converted inch dimensions are not necessarily exact.
5. Followed from JEDEC MS-012
DIMENSION IN MM
DIMENSION IN INCH
SYMBOL
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.35
1.60
1.75
0.053
0.063
0.069
A1
0.10
-----
0.25
0.004
-----
0.010
A2
-----
1.45
-----
-----
0.057
-----
B
0.33
-----
0.51
0.013
-----
0.020
C
0.19
-----
0.25
0.007
-----
0.010
D
4.80
-----
5.00
0.189
-----
0.197
E
3.80
-----
4.00
0.150
-----
0.157
e
-----
1.27
-----
-----
0.050
-----
H
5.80
-----
6.20
0.228
-----
0.244
L
0.40
-----
1.27
0.016
-----
0.050
y
-----
-----
0.10
-----
-----
0.004
θ
-----
-----
D
E
H
7 °(4X)
A1
A2
A
e
B
y
C
L
θ
D
E
H
7 °(4X)
A1
A2
A
e
B
y
C
L
θ


Similar Part No. - G926CP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926AF1U GMT-G926AF1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926AP1U GMT-G926AP1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926BF1U GMT-G926BF1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
G926BP1U GMT-G926BP1U Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
More results

Similar Description - G926CP1U

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G926 GMT-G926 Datasheet
137Kb / 1P
   Dual 500mA LDO Regulator
logo
Micrel Semiconductor
MIC5212 MICREL-MIC5212 Datasheet
171Kb / 9P
   Dual 500mA LDO Regulator
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6211 FUMAN-FM6211 Datasheet
256Kb / 9P
   500mA LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9184A RICHTEK-RT9184A Datasheet
121Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
RT9184A RICHTEK-RT9184A_11 Datasheet
131Kb / 10P
   Dual, Ultra-Fast Transient Response, 500mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com