Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G910TD1B Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G910TD1B
Description  3.3V 600mA/250mA Low Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G910TD1B Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

Back Button G910TD1B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 8Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 9Page - Global Mixed-mode Technology Inc G910TD1B Datasheet HTML 10Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Ver: 7.2
Jan 20, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G910/G911
Global Mixed-mode Technology Inc.
SOT-223 (T6) Package
MILLIMETER
INCH
SYMBOL
MIN
MAX
MIN
MAX
A
1.55
1.80
0.061
0.071
A1
0.02
0.12
0.0008
0.0047
B
0.60
0.80
0.024
0.031
B1
2.90
3.10
0.114
0.122
C
0.24
0.32
0.009
0.013
D
6.30
6.70
0.248
0.264
E
3.30
3.70
0.130
0.146
e
2.30 BSC
0.090 BSC
e1
4.60 BSC
0.181 BSC
H
6.70
7.30
0.264
0.287
L
0.90 MIN
0.036 MIN
L2
0.06 BSC
0.0024 BSC
α
10°
10°
A
B
13
°(4X)
A1
e1
e
E
B1
D
H
C
α
13
°(4X)
L2
L


Similar Part No. - G910TD1B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G910TD1B GMT-G910TD1B Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
More results

Similar Description - G910TD1B

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G911 GMT-G911_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G910 GMT-G910_15 Datasheet
86Kb / 1P
   3.3V 600mA/250mA Low Dropout Regulator
G903 GMT-G903 Datasheet
233Kb / 5P
   3.3V 600mA Low Dropout Regulator
logo
Silicon Standard Corp.
SS8044 SSC-SS8044 Datasheet
188Kb / 5P
   3.3V 600mA Low Dropout Regulator
logo
Eutech Microelectronics...
EUP7910A EUTECH-EUP7910A Datasheet
283Kb / 8P
   3.3V 600mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G933 GMT-G933 Datasheet
81Kb / 1P
   3.3V 600mA Low Dropout Regulator
G903 GMT-G903_15 Datasheet
66Kb / 1P
   3.3V 600mA Low Dropout Regulator
G910 GMT-G910 Datasheet
228Kb / 9P
   3.3V 400mA/250mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com