Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L058A24FL Datasheet(PDF) 19 Page - Winbond

Part # W78L058A24FL
Description  8-BIT MICROCONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L058A24FL Datasheet(HTML) 19 Page - Winbond

Back Button W78L058A24FL Datasheet HTML 15Page - Winbond W78L058A24FL Datasheet HTML 16Page - Winbond W78L058A24FL Datasheet HTML 17Page - Winbond W78L058A24FL Datasheet HTML 18Page - Winbond W78L058A24FL Datasheet HTML 19Page - Winbond W78L058A24FL Datasheet HTML 20Page - Winbond W78L058A24FL Datasheet HTML 21Page - Winbond W78L058A24FL Datasheet HTML 22Page - Winbond W78L058A24FL Datasheet HTML 23Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
W78LE58/W78L058A
Publication Release Date: December 4, 2006
- 19 -
Revision A6
8.
DC CHARACTERISTICS
VSS = 0V, TA = 25
° C, unless otherwise specified.
SPECIFICATION
PARAMETER
SYM.
MIN.
MAX.
UNIT
TEST CONDITIONS
VDD
2.4
5.5
V
Without ISP
Operating Voltage
VDD
3.3
5.5
V
With ISP
-
20
mA
No load VDD = 5.5V
Operating Current
IDD
-
3
mA
No load VDD = 2.4V
-
6
mA
VDD = 5.5V, Fosc = 20 MHz
Idle Current
IIDLE
-
1.5
mA
VDD = 2.4V, Fosc = 12 MHz
-
50
μA
VDD = 5.5V, Fosc = 20 MHz
Power Down Current
IPWDN
-
20
μA
VDD = 2.4V, Fosc = 12 MHz
Input Current
P1, P2, P3, P4
IIN1
-50
+10
μA
VDD = 5.5V
VIN = 0V or VDD
Input Current
RST
IIN2
-10
+300
μA
VDD = 5.5V
0 < VIN < VDD
Input Leakage Current
P0, EA
ILK
-10
+10
μA
VDD = 5.5V
0V < VIN < VDD
Logic 1 to 0 Transition
Current
P1, P2, P3, P4
ITL [*4]
-500
-
μA
VDD = 5.5V
VIN = 2.0V
Input Low Voltage
0
0.8
V
VDD = 4.5V
P0, P1, P2, P3, P4, EA
VIL1
0
0.5
V
VDD = 2.4V
Input Low Voltage
0
0.8
V
VDD = 4.5V
RST[*1]
VIL2
0
0.3
V
VDD = 2.4V
Input Low Voltage
0
0.8
V
VDD = 4.5V
XTAL1 [*3]
VIL3
0
0.4
V
VDD = 2.4V
Input High Voltage
2.4
VDD +0.2
V
VDD = 5.5V
P0, P1, P2, P3, P4, EA
VIH1
1.4
VDD +0.2
V
VDD = 2.4V
Input High Voltage
3.5
VDD +0.2
V
VDD = 5.5V
RST[*1]
VIH2
1.7
VDD +0.2
V
VDD = 2.4V
Input High Voltage
3.5
VDD +0.2
V
VDD = 5.5V
XTAL1 [*3]
VIH3
2.4
VDD +0.2
V
VDD = 2.4V


Similar Part No. - W78L058A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L058A WINBOND-W78L058A Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L058A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com