Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W78L058A24FL Datasheet(PDF) 16 Page - Winbond

Part # W78L058A24FL
Description  8-BIT MICROCONTROLLER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78L058A24FL Datasheet(HTML) 16 Page - Winbond

Back Button W78L058A24FL Datasheet HTML 12Page - Winbond W78L058A24FL Datasheet HTML 13Page - Winbond W78L058A24FL Datasheet HTML 14Page - Winbond W78L058A24FL Datasheet HTML 15Page - Winbond W78L058A24FL Datasheet HTML 16Page - Winbond W78L058A24FL Datasheet HTML 17Page - Winbond W78L058A24FL Datasheet HTML 18Page - Winbond W78L058A24FL Datasheet HTML 19Page - Winbond W78L058A24FL Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
W78LE58/W78L058A
- 16 -
Part 2: 4KB LDROM
Procedure of Updating
the 32KB APROM
Go
Timer Interrupt Service Routine:
Stop Timer & disable interrupt
Is F04KBOOT Mode?
(CHPCON.7=1)
Reset the CHPCON Register:
MOV CHPENR,#87H
MOV CHPENR,#59H
MOV CHPCON,#03H
No
Yes
Setting Timer and enable Timer
interrupt for wake-up .
(15 ms for erasing operation)
Setting erase operation mode:
MOV SFRCN,#22H
(Erase 32KB APROM)
Start Timer and enter IDLE
Mode.
(Erasing...)
End of erase
operation. CPU will
be wakened by Timer
interrupt.
PGM
PGM
Setting Timer and enable Timer
interrupt for wake-up .
(50us for program operation)
End of Programming ?
Get the parameters of new code
(Address and data bytes)
through I/O ports, UART or
other interfaces.
Is currently in the
F04KBOOT Mode ?
Setting control registers for
programming:
MOV SFRAH,#ADDRESS_H
MOV SFRAL,#ADDRESS_L
MOV SFRFD,#DATA
MOV SFRCN,#21H
Software reset CPU and
re-boot from the 32KB
APROM.
MOV CHPENR,#87H
MOV CHPENR,#59H
MOV CHPCON,#83H
END
Executing new code
from address
00H in the 32KB APROM.
Hardware Reset
to re-boot from
new 32 KB APROM.
(S/W reset is
invalid in F04KBOOT
Mode)
Yes
No
Yes
No


Similar Part No. - W78L058A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78L058A WINBOND-W78L058A Datasheet
239Kb / 34P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78L058A24FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com