Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W83977EF-AW Datasheet(PDF) 74 Page - Winbond

Part # W83977EF-AW
Description  WINBOND ISA I/O
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83977EF-AW Datasheet(HTML) 74 Page - Winbond

Back Button W83977EF-AW Datasheet HTML 70Page - Winbond W83977EF-AW Datasheet HTML 71Page - Winbond W83977EF-AW Datasheet HTML 72Page - Winbond W83977EF-AW Datasheet HTML 73Page - Winbond W83977EF-AW Datasheet HTML 74Page - Winbond W83977EF-AW Datasheet HTML 75Page - Winbond W83977EF-AW Datasheet HTML 76Page - Winbond W83977EF-AW Datasheet HTML 77Page - Winbond W83977EF-AW Datasheet HTML 78Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 142 page
background image
W83977EF-AW/W83977EG-AW
-72-
HGA20
(Hardware GATE A20)
A "1" on this bit selects hardware GATEA20 control logic to control GATE A20 signal.
A "0" on this bit disables hardware GATEA20 control logic function.
HKBRST
(Hardware Keyboard Reset)
A "1" on this bit selects hardware KB RESET control logic to control KBRESET signal.
A "0" on this bit disables hardware KB RESET control logic function.
When the KBC receives data that follows a "D1" command, the hardware control logic sets or clears
GATE A20 according to the received data bit 1. Similarly, the hardware control logic sets or clears
KBRESET depending on the received data bit 0. When the KBC receives a "FE" command, the
KBRESET is pulse low for 6
μS(Min.) with 14μS(Min.) delay.
GATEA20 and KBRESET are controlled by either the software control or the hardware control logic
and they are mutually exclusive. Then, GATEA20 and KBRESET are merged along with Port92 when
P92EN bit is set.
8.5.2
Port 92 Control Register (Default Value = 0x24)
BIT
7
6
5
4
3
2
1
0
NAME
Res. (0)
Res. (0)
Res. (1)
Res. (0)
Res. (0)
Res. (1)
SGA20
PLKBRST
SGA20
(Special GATE A20 Control)
A "1" on this bit drives GATE A20 signal to high.
A "0" on this bit drives GATE A20 signal to low.
PLKBRST
(Pull-Low KBRESET)
A "1" on this bit causes KBRESET to drive low for 6
μS(Min.) with 14μS(Min.) delay. Before issuing
another keyboard reset command, the bit must be cleared.


Similar Part No. - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977EF-AW WINBOND-W83977EF-AW Datasheet
736Kb / 150P
   WINBOND I/O
W83977EF-AW WINBOND-W83977EF-AW Datasheet
1,008Kb / 161P
   WINBOND I/O
logo
Nuvoton Technology Corp...
W83977EF-AW NUVOTON-W83977EF-AW Datasheet
1Mb / 153P
   ISA I/O
More results

Similar Description - W83977EF-AW

ManufacturerPart #DatasheetDescription
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
W83697HF WINBOND-W83697HF Datasheet
1Mb / 167P
   WINBOND I/O
W83977EF WINBOND-W83977EF Datasheet
736Kb / 150P
   WINBOND I/O
W83697SF WINBOND-W83697SF Datasheet
821Kb / 128P
   WINBOND I/O
W83977ATF WINBOND-W83977ATF Datasheet
1Mb / 207P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com