Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G574 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G574
Description  Dual-Slot PCMCIA/CardBus Power Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G574 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G574_06 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 5Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 6Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 7Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 8Page - Global Mixed-mode Technology Inc G574_06 Datasheet HTML 9Page - Global Mixed-mode Technology Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ver: 1.2
Jul 28, 2006
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G574
Global Mixed-mode Technology Inc.
Dual-Slot PCMCIA/CardBus Power Controller
Features
Backward Compatible with G570
Fully Integrated VCC and Vpp Switching for Dual
Slot PC Card
TM Interface
3-Lead Serial Interface Compatible With
CardBus
TM Controllers
3.3V Low Voltage Mode
Meets PC Card Standards
RESET for System Initialization of PC Cards
12V Supply Can Be Disabled Except During
12V Flash Programming
Short Circuit and Thermal Protection
30 Pin SSOP
Compatible With 3.3V, 5V and 12V PC Cards
Low RDS(on) (180-mΩ 5V VCC Switch;
130 m
Ω 3.3V V
CC Switch)
Break-Before-Make Switching
Internal power-On Reset
Standby mode: 60mA current limit (TYP)
Application
Notebook PC
Electronic Dictionary
POS
Description
The G574 PC Card power-interface switch provides an
integrated power-management solution for two PC
Cards. All of the discrete power MOSFETs, a logic sec-
tion, current limiting, and thermal protection for PC Card
control are combined on a single integrated circuit (IC).
The circuit allows the distribution of 3.3V, 5V, and/or
12V card power by means of the Serial interface. The
current-limiting feature eliminates the need for fuses,
which reduces component count and improves reliabil-
ity.
The G574 features a 3.3V low voltage mode that allows
for 3.3V switching without the need for 5V supply. This
facilitates low power system designs such as sleep
mode and pager mode where only 3.3V is available.
The G574 incorporates a reset function, selectable by
one of two inputs, to help alleviate system errors. The
reset function enables PC card initialization concurrent
with host platform initialization, allowing a system reset.
Reset is accomplished by grounding the VCC and VPP
(flash-memory programming voltage) outputs, which
discharges residual card voltage.
This device also has the ability to program the xVpp
outputs independent of the xVCC outputs. A standby
mode that changes all output-current limits to 50mA
(typical) has been incorporated.
End equipment for the G574 includes notebook com-
puters, desktop computers, personal digital assistants
(PDAs), digital cameras and bar-code scanners
.
The G574 is backward-compatible with the G570.
Ordering Information
ORDER
NUMBER
ORDER NUMBER
(Pb free)
TEMP.
RANGE
PACKAGE
G574SA
G574SAf
-40°C to +85°C
SSOP-30
Pin Configuration
MODE
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
STBY
OC
3.3V
3.3V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
G574
5V
SSOP-30
5
6
7
8
9
10
11
12
13
14
26
27
28
25
24
23
22
21
20
19
18
17
16
15
1
4
3
2
5V
30
29
NC
NC
MODE
NC
NC
12V
BVPP
BVCC
BVCC
BVCC
STBY
OC
3.3V
3.3V
5V
DATA
CLOCK
LATCH
RESET
12V
AVPP
AVCC
AVCC
AVCC
GND
NC
RESET
3.3V
G574
5V
SSOP-30
5
6
7
8
9
10
11
12
13
14
26
27
28
25
24
23
22
21
20
19
18
17
16
15
1
4
3
2
5V
30
29
NC
NC


Similar Part No. - G574_06

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G574SA GMT-G574SA Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
More results

Similar Description - G574_06

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574 Datasheet
330Kb / 14P
   Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
MIC2563A MICREL-MIC2563A Datasheet
113Kb / 10P
   Dual Slot PCMCIA/CardBus Power Controller Preliminary Information
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
   PCMCIA/CardBus Socket Power Controller
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
   PCMCIA/CardBus Socket Power Controller
MIC2564A MICREL-MIC2564A Datasheet
166Kb / 16P
   Dual Serial PCMCIA/CardBus Power Controller Preliminary Information
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com