Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CW76 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-CW76
Description  T-1(5mm) Extra Bright Precision Optical Performance White LED Lamps.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-CW76 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-CW76 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-CW76 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Device Selection Guide
Notes:
1. Tolerance for luminous intensity measurement is +/- 15%
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. 2
θ1/2 is the off-axis angle where the luminous intensity is ½ the on axis intensity
5. Part numbers in BOLD are recommended for new designs.
Part Number
Typical Viewing Angle,
2
θ ½ (Degree)
Intensity (mcd) at 20 MA
Standoff
Package
Dimension
Min.
Max.
HLMP-CW46-PS0xx
50
880
2500
No
A
HLMP-CW46-QR0xx
50
1150
1900
No
A
HLMP-CW46-QRBxx
50
1150
1900
No
A
HLMP-CW46-RU0xx
50
1500
4200
No
A
HLMP-CW46-ST0xx
50
1900
3200
No
A
HLMP-CW46-STBxx
50
1900
3200
No
A
HLMP-CW47-PS0xx
50
880
2500
Yes
B
HLMP-CW47-QR0xx
50
1150
1900
Yes
B
HLMP-CW47-QRBxx
50
1150
1900
Yes
B
HLMP-CW47-RU0xx
50
1500
4200
Yes
B
HLMP-CW47-ST0xx
50
1900
3200
Yes
B
HLMP-CW47-STBxx
50
1900
3200
Yes
B
HLMP-CW76-NR0xx
70
680
1900
No
A
HLMP-CW76-PQ0xx
70
880
1500
No
A
HLMP-CW76-PQBxx
70
880
1500
No
A
HLMP-CW76-QT0xx
70
1150
3200
No
A
HLMP-CW76-RS0xx
70
1500
2500
No
A
HLMP-CW76-RSBxx
70
1500
2500
No
A
HLMP-CW77-NR0xx
70
680
1900
Yes
B
HLMP-CW77-PQ0xx
70
880
1500
Yes
B
HLMP-CW77-PQBxx
70
880
1500
Yes
B
HLMP-CW77-QT0xx
70
1150
3200
Yes
B
HLMP-CW77-RS0xx
70
1500
2500
Yes
B
HLMP-CW77-RSBxx
70
1500
2500
Yes
B


Similar Part No. - HLMP-CW76

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70 AVAGO-HLMP-CW70 Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
HLMP-CW70-LMBXX AVAGO-HLMP-CW70-LMBXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
HLMP-CW70-LP0XX AVAGO-HLMP-CW70-LP0XX Datasheet
143Kb / 6P
   T-1 3/4 Precision Optical Performance White LED
More results

Similar Description - HLMP-CW76

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CE17 AVAGO-HLMP-CE17 Datasheet
378Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-35CDD AVAGO-HLMP-CE13-35CDD Datasheet
225Kb / 9P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
HLMP-CE13-24CDD AVAGO-HLMP-CE13-24CDD Datasheet
380Kb / 10P
   T-1 쩐 (5mm) Extra Bright Cyan LEDs
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-CB11 HP-HLMP-CB11 Datasheet
394Kb / 9P
   T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CYXX AVAGO-HLMP-CYXX Datasheet
292Kb / 9P
   Precision Optical Performance 5mm Round Warm White LED Lamps
HLMP-CWXX AVAGO-HLMP-CWXX Datasheet
114Kb / 11P
   T-13/4 Precision Optical Performance White LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com