Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B5BZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B5BZ
Description  31.8 mm (1.25 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B5BZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B5BZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B5BZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Optical/Electrical Characteristics at TA = 25˚C
GaP Red
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Dot
Iv
2mcd
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
Peak Wavelength
λpeak
632
nm
IF = 20 mA
Dominant Wavelength[2]
λd
622
nm
IF = 20 mA
Forward Voltage
VF
2.1
2.6
V
IF = 20 mA
Reverse Voltage[3]
VR
3.0
V
IR = 100 µA
Luminous Intensity
Iv-m
2:1
IFP = 40 mA,
Matching Ratio
1/8 Duty Factor
GaP Green
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminous Intensity/Dot
Iv
3.4
mcd
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
Peak Wavelength
λpeak
568
nm
IF = 20 mA
Dominant Wavelength[2]
λd
573
nm
IF = 20 mA
Forward Voltage
VF
2.3
2.6
V
IF = 20 mA
Reverse Voltage[3]
VR
3.0
V
IR = 100 µA
Luminous Intensity
Iv-m
2:1
IFP = 40 mA,
Matching Ratio
1/8 Duty Factor
B5AZ
B5BZ
B5AZ
B5BZ
Bi-Color
Devices
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Luminance/Unit
Iv
124.1
215
372
Cd/m2
IFP = 40 mA,
(Digit Average)[1]
1/8 Duty Factor
B5AZ
B5BZ
Notes:
1. The digits are categorized for luminance. The category is designated by a letter on the side of the package.
2. The dominant wavelength,
λd, is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the
device.
3. Typical specification for reference only. Do not exceed absolute maximum ratings.


Similar Part No. - HDSP-B5BZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B53Z AVAGO-HDSP-B53Z Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-B573 HP-HDSP-B573 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-B581 HP-HDSP-B581 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-B581 HP-HDSP-B581 Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
More results

Similar Description - HDSP-B5BZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
QT Optoelectronics
GMA2875C QT-GMA2875C Datasheet
591Kb / 7P
   2.0 5X7 DOT MATRIX DISPLAYS
logo
Fairchild Semiconductor
GMA7175C FAIRCHILD-GMA7175C Datasheet
545Kb / 6P
   0.7 5X7 DOT MATRIX DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com