Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACPF-7001 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPF-7001
Description  High Rejection Tx Filter for US PCS Band
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPF-7001 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ACPF-7001 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPF-7001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACPF-7001
High Rejection Tx Filter for US PCS Band
Data Sheet
Description
This product is a high rejection full band transmit
filter designed for US PCS handsets. Its performance
rivals splitband surface acoustic wave (SAW) trans-
mit filters. Since the rejection is provided by a single
filter, no switches are required, saving board space
and external components, eliminating switch loss,
and reducing programming complexity.
In typical cellular phone architectures, the transmit
filter fits between the driver amplifier and the
power amplifier. This filter reduces the noise in the
Rx band being amplified by the transmit chain,
enhancing receiver sensitivity. High rejection keeps
unwanted signals out of the receive path.
Avago’s thin-Film Bulk Acoustic Resonator (FBAR)
technology makes possible high-Q filters at a
fraction of their usual size.
Features
• High rejection from a single filter with no switches
required
• Passband: 1850 – 1910 MHz
33 dB min Attenuation,
1930 – 1990 MHz
3.5 dB max Insertion Loss
• Space saving solution
Small footprint: 3 x 3-mm solution
Low profile package:
1.0 mm high (typ)
1.15 mm (max)
Applications
• US PCS band handsets
• Wireless data terminals
Package
2
3
5
6
4: Input
8: Output
1, 2, 3, 5, 6, 7, 9: Grounded
Center pad grounded
See Figure 10 for details.
"x" = date code character
7
1
4
9
8


Similar Part No. - ACPF-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
ACPF-7001-BLK HP-ACPF-7001-BLK Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
ACPF-7001-TR1 HP-ACPF-7001-TR1 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
More results

Similar Description - ACPF-7001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ACPF-7002 HP-ACPF-7002 Datasheet
316Kb / 8P
   High Rejection Tx Filter for US PCS Band
ACPF-7001 HP-ACPF-7001 Datasheet
644Kb / 7P
   High Rejection Tx Filter for US PCS Band
logo
AVAGO TECHNOLOGIES LIMI...
ACPF-7003 AVAGO-ACPF-7003 Datasheet
579Kb / 8P
   High Rx and Image Rejection Tx Filter for US PCS Band
logo
Infineon Technologies A...
NWT190 INFINEON-NWT190 Datasheet
139Kb / 7P
   CDMA TX Full Band BAW-filter for US PCS
V2.2 26.Nov.2003
logo
OKI electronic componet...
MBF9402B OKI-MBF9402B Datasheet
37Kb / 5P
   SAW Band Pass Filter for US-PCS
logo
Transko Electronics, In...
TA1880AM TRANSKO-TA1880AM Datasheet
403Kb / 4P
   US-PCS, RF-Tx SAW Filter
Revision 0:
logo
Oscilent Corporation
802-RF1880.0M-A OSCILENT-802-RF1880.0M-A Datasheet
379Kb / 3P
   US-PCS, RF-Tx SAW Filter
logo
TEMEX
TMXW348 TEMEX-TMXW348 Datasheet
306Kb / 5P
   SAW Bandpass Filter - US PCS Tx - RF
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
   FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com