Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-B582 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDSP-B582
Description  53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDSP-B582 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HDSP-B582 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDSP-B582 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Internal Circuit Diagram
HDSP-B581
7
16
10
11
45
12
4
15
17
14
8
5
9
1
2
3
4
5
6
8
PIN
COLUMN
ROW
13
3
2
2
3
THE SIGN
REPRESENTS HER CHIPS
THE SIGN
REPRESENTS GREEN CHIPS
18
1
1
6
7
PIN NO.
CONNECTION
1
COLUMN 1 GREEN
2
COLUMN 2 GREEN
3
COLUMN 2 RED
4
COLUMN 3 RED
5
ROW 6
6
ROW 7
7
COLUMN 4 RED
8
ROW 5
9
ROW 8
10
COLUMN 5 GREEN
11
COLUMN 5 RED
12
COLUMN 4 GREEN
13
COLUMN 3 GREEN
14
ROW 4
15
ROW 2
16
ROW 1
17
ROW 3
18
COLUMN 1 RED


Similar Part No. - HDSP-B582

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-B582 HP-HDSP-B582 Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
More results

Similar Description - HDSP-B582

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-B7XZ HP-HDSP-B7XZ Datasheet
93Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4 x 8 Dot Matrix Bi-Color Alphanumeric Displays
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B7XZ AVAGO-HDSP-B7XZ Datasheet
86Kb / 8P
   31.99 mm (1.26 inch) General Purpose 4x8 Dot Matrix Bi-Color Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com