Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-5620-W50 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5620-W50
Description  6 - 20 GHz High Gain Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5620-W50 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5620-W50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5620-W50 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 18. AMMC-5620 Schematic
Figure 19. AMMC-5620 Assembly Diagram
RF Input
RF Output
Matching
Matching
Feedback
network
Matching
VD1
Feedback
network
Matching
Feedback
network
Gold plated shim
100 pF chip capacitor
To power supply
RF Input
RF Output
AMMC-5620


Similar Part No. - AMMC-5620-W50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMC-5620-W50 HP-AMMC-5620-W50 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620-W50 BOARDCOM-AMMC-5620-W50 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
More results

Similar Description - AMMC-5620-W50

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HMMC-5620 HP-HMMC-5620 Datasheet
130Kb / 6P
   6-20 GHz High-Gain Amplifier
logo
Broadcom Corporation.
AMMC-5620 BOARDCOM-AMMC-5620 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5620 AVAGO-AMMC-5620_15 Datasheet
599Kb / 8P
   6 - 20 GHz High Gain Amplifier
AMMP-5620 AVAGO-AMMP-5620_15 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620 Datasheet
524Kb / 12P
   6 20 GHz High Gain Amplifier in SMT Package
AMMP-5620 AVAGO-AMMP-5620_13 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5620 HP-AMMC-5620 Datasheet
201Kb / 9P
   Agilent AMMC-5620, 6 - 20 GHz High Gain Amplifier
logo
Broadcom Corporation.
AMMP-5620 BOARDCOM-AMMP-5620 Datasheet
201Kb / 7P
   6 ??20 GHz High Gain Amplifier in SMT Package
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com