Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-PHB9-TXXX5 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMC-PHB9-TXXX5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMC-PHB9-TXXX5 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMC-PHB9-TXXX5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMC-PHB9-TXXX5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Figure1.Relativeintensityvs.wavelength.
Figure2.Forwardcurrentvs.forwardvoltage.
Figure3.Relativeintensityvs.forwardcurrent.
Figure4.Maximumforwardcurrentvs.ambienttempera-
ture.DeratedbasedonTJMAX=125°C,RqJA=300°C/W.
Figure5.Radiationpattern.
WAVELENGTH – nm
1.0
0.8
0
380
480
580
680
730
780
630
530
430
AMBER
0.6
0.4
0.2
RED ORANGE
RED
0.1
0.3
0.5
0.7
0.9
0
FORWARD VOLTAGE – V
0
20
70
80
40
10
50
30
60
4
3
1
2
0
20
DC FORWARD CURRENT – mA
0
0.4
75
35
45
40
50 55 60 65 70
0.8
0.2
1.0
10
0.6
1.2
25
5
15
30
1.4
0
80
0
20
60
80
120
AMBIENT TEMPERATURE –
°C
40
50
60
30
40
20
10
70
100
1.0
0
ANGLE – DEGREES
0.8
0.7
0.5
0.3
0.1
0.9
0.6
0.2
0.4
-70
-50
-30
30
50
70
90
-90
-10
10


Similar Part No. - ASMC-PHB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PHB9-TX005 HP-ASMC-PHB9-TX005 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PHB9-TX0A5 HP-ASMC-PHB9-TX0A5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PHB9-TX0B5 HP-ASMC-PHB9-TX0B5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PHB9-TX0C5 HP-ASMC-PHB9-TX0C5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PHB9-TX0D5 HP-ASMC-PHB9-TX0D5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PHB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com