Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-PRB9-TXXX5 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMC-PRB9-TXXX5
Description  Envisium Power PLCC-4 Surface Mount LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMC-PRB9-TXXX5 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASMC-PRB9-TXXX5 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMC-PRB9-TXXX5 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure6a.RecommendedSn-Pbreflowsolderingprofile.
240
°C MAX.
20 SEC. MAX.
3
°C/SEC.
MAX.
120 SEC. MAX.
TIME
183
°C
100-150
°C
–6
°C/SEC.
MAX.
60-150 SEC.
3
°C/SEC. MAX.
217
°C
MAX. 120 SEC.
6
°C/SEC. MAX.
3
°C/SEC. MAX.
125
°C ± 25 °C
255
°C
60 to 150 SEC.
10 to 20 SEC.
TIME
* THE TIME FROM 25
°C TO PEAK TEMPERATURE = 6 MINUTES MAX.
+5
°C
-0
°C
Figure6b.RecommendedPb-freereflowsolderingprofile.
LAMINAR WAVE
BOTTOM SIDE
OF PC BOARD
HOT AIR KNIFE
TURBULENT WAVE
FLUXING
PREHEAT
0
10
20
30
50
100
150
200
250
30
40
50
TIME – SECONDS
60
70
80
90
100
TOP SIDE OF
PC BOARD
CONVEYOR SPEED = 1.83 M/MIN (6 FT/MIN)
PREHEAT SETTING = 150
°C (100°C PCB)
SOLDER WAVE TEMPERATURE = 245
°C
AIR KNIFE AIR TEMPERATURE = 390
°C
AIR KNIFE DISTANCE = 1.91 mm (0.25 IN.)
AIR KNIFE ANGLE = 40
°
SOLDER: SN63; FLUX: RMA
NOTE: ALLOW FOR BOARDS TO BE SUFFICIENTLY COOLED
BEFORE EXERTING MECHANICAL FORCE.
Figure7.Recommendedwavesolderingprofile.
Note:FordetailedinformationonreflowsolderingofAvagosurfacemount
LEDs,dorefertoAvagoApplicationNoteAN1060,Surface Mounting SMT LED
Indicator Components.


Similar Part No. - ASMC-PRB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PRB9-TX005 HP-ASMC-PRB9-TX005 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PRB9-TX0A5 HP-ASMC-PRB9-TX0A5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PRB9-TX0B5 HP-ASMC-PRB9-TX0B5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PRB9-TX0C5 HP-ASMC-PRB9-TX0C5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PRB9-TX0D5 HP-ASMC-PRB9-TX0D5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-PRB9-TXXX5

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-QXB2-TXXXX AVAGO-ASMC-QXB2-TXXXX Datasheet
354Kb / 9P
   Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com