Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6425-W50 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6425-W50
Description  18 - 28 GHz Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6425-W50 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-6425-W50 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6425-W50 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image

Figure 10. Typical One dB Compression over temperature
Typical Scattering Parameters [1], (TA = 25°C, Vd =5.0 V, ID = 900 mA, Zin = Zout = 50 Ω)
Note:
1. Dataobtainedfromon-wafermeasurements.
0



8
0

1
18
0



8
0
Frequency [GHz]
P-1_8deg
P-1_0deg
P-1_-0deg
S11
S21
S12
S22
Freq GHz
dB
Mag Phase
dB
Mag
Phase
dB
Mag
Phase
dB
Mag
Phase
10
-4.77
0.58
145.66
-53.38
0.00
126.23
-53.10
2.21E-03
155.74
-4.91
0.57
121.52
11
-5.67
0.52
130.97
-37.42
0.01
23.99
-52.14
2.47E-03
143.34
-6.13
0.49
98.15
12
-6.77
0.46
117.03
-22.52
0.07
-13.38
-50.29
3.06E-03
133.62
-8.34
0.38
80.37
13
-8.16
0.39
104.74
-9.93
0.32
-69.22
-48.40
3.80E-03
121.73
-8.28
0.39
78.84
14
-9.70
0.33
93.76
-2.15
0.78
-124.28
-49.37
3.40E-03
108.39
-6.30
0.48
38.71
15
-11.04
0.28
84.77
9.06
2.84
-170.06
-45.70
5.19E-03
88.07
-9.55
0.33
-10.55
16
-13.90
0.20
74.80
21.25
11.55
89.04
-47.72
4.11E-03
45.26
-16.09
0.16
-99.99
17
-14.16
0.20
66.48
21.63
12.06
-23.06
-69.30
3.43E-04
28.18
-30.03
0.03
65.16
18
-19.86
0.10
69.36
21.48
11.86
-97.31
-52.15
2.47E-03
145.40
-25.85
0.05
132.01
19
-16.32
0.15
96.12
20.95
11.16
-168.63
-45.71
5.18E-03
136.16
-16.56
0.15
105.71
20
-13.84
0.20
60.31
19.30
9.22
133.48
-39.74
1.03E-02
110.69
-13.48
0.21
53.22
21
-21.35
0.09
47.89
19.02
8.94
79.55
-42.46
7.54E-03
55.12
-21.91
0.08
38.20
22
-22.54
0.07
52.94
18.34
8.26
31.75
-44.82
5.74E-03
54.62
-21.55
0.08
46.01
23
-23.13
0.07
55.48
18.28
8.20
-14.76
-46.34
4.82E-03
49.81
-21.24
0.09
48.32
24
-25.45
0.05
59.58
18.81
8.72
-61.07
-45.51
5.30E-03
65.27
-22.41
0.08
46.43
25
-27.23
0.04
54.82
19.92
9.90
-109.65
-44.97
5.65E-03
58.33
-21.28
0.09
48.84
26
-38.36
0.01
-42.96
21.61
12.04
-163.47
-43.15
6.96E-03
49.98
-21.28
0.09
21.09
27
-18.85
0.11
158.91
22.63
13.54
128.31
-43.47
6.71E-03
32.31
-45.87
0.01
81.81
28
-15.06
0.18
126.93
22.12
12.76
62.15
-45.87
5.09E-03
25.52
-21.98
0.08
127.26
29
-14.11
0.20
108.49
21.09
11.34
-8.78
-45.99
5.02E-03
7.36
-15.18
0.17
97.58
30
-16.81
0.14
95.01
18.89
8.80
-81.20
-45.81
5.12E-03
9.48
-14.83
0.18
59.03
31
-16.00
0.16
109.15
14.73
5.45
-156.43
-51.16
2.77E-03
-35.61
-19.37
0.11
62.07
32
-14.02
0.20
102.50
8.77
2.75
141.46
-65.60
5.25E-04
132.49
-17.77
0.13
59.98
33
-13.52
0.21
100.80
2.40
1.32
91.66
-45.68
5.20E-03
126.36
-17.03
0.14
67.35
34
-12.08
0.25
86.48
-2.96
0.71
47.96
-40.91
9.00E-03
97.83
-16.72
0.15
66.45
35
-10.93
0.28
74.66
-8.45
0.38
6.50
-41.84
8.09E-03
55.30
-15.45
0.17
68.24
36
-11.51
0.27
65.72
-14.00
0.20
-30.13
-40.86
9.06E-03
57.18
-14.49
0.19
63.65
37
-10.60
0.29
57.43
-19.54
0.11
-64.98
-40.09
9.90E-03
57.35
-13.05
0.22
58.19
38
-10.67
0.29
45.03
-26.11
0.05
-93.67
-36.49
1.50E-02
31.06
-12.84
0.23
55.30
39
-10.48
0.30
35.93
-31.72
0.03
-131.80
-38.34
1.21E-02
25.14
-11.87
0.25
46.55
40
-10.99
0.28
26.62
-38.30
0.01
-145.33
-37.42
1.35E-02
-4.05
-11.84
0.26
41.43


Similar Part No. - AMMC-6425-W50

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6425-W50 BOARDCOM-AMMC-6425-W50 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
More results

Similar Description - AMMC-6425-W50

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_15 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier
logo
Transcom, Inc.
TA060-180-30-28 TRANSCOM-TA060-180-30-28 Datasheet
31Kb / 1P
   6 - 18 GHz 28 dBm Amplifier
logo
Broadcom Corporation.
AMMP-6425 BOARDCOM-AMMP-6425 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6425 AVAGO-AMMP-6425_13 Datasheet
277Kb / 9P
   18-28 GHz 1W Power Amplifier in SMT Package
AMMP-6425 AVAGO-AMMP-6425 Datasheet
886Kb / 11P
   18-28 GHz 1W Power Amplifier in SMT Package
logo
Teledyne Technologies I...
CMA-40-1808 TELEDYNE-CMA-40-1808 Datasheet
889Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
TMA-40-1808 TELEDYNE-TMA-40-1808 Datasheet
885Kb / 2P
   Power Amplifier 18 GHz - 40 GHz
CPA-18-6027 TELEDYNE-CPA-18-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6038 TELEDYNE-CPA-18-6038 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
CPA-18-6037 TELEDYNE-CPA-18-6037 Datasheet
877Kb / 2P
   Power Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com