Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMF-A222-XXXXX Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-A222-XXXXX
Description  Surface Mount LED Indicators, PLCC-4 SMT LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-A222-XXXXX Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMF-A222-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HSMF-A222-XXXXX Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Figure 13. Reeling Orientation.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
HSMx-A2xx fig 11
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a per Jedec J-STD-020. Precautions when handling this moisture
sensitive product is important to ensure the reliability of the product. Do refer to Avago Application Note AN0
Handling of Moisture Sensitive Surface Mount Devices for details.
A. Storage before use
- Unopen moisture barrier bag (MBB) can be stored at <40°C/0%RH for 12 months. If the actual shelf life has
exceeded 12 months and the HIC indicates that baking is not required, then it is safe to reflow the LEDs per the
original MSL rating.
- It is not recommended to open the MBB prior to assembly (e.g. for IQC).
B. Control after opening the MBB
- The humidity indicator card (HIC) shall be read immediately upon opening of MBB.
- The LEDs must be kept at <0°C / 60%RH at all time and all high temperature related process including soldering,
curing or rework need to be completed within 672 hours.
C. Control for unfinished reel
- For any unuse LEDs, they need to be stored in sealed MBB with desiccant or desiccator at <%RH.
D. Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to be
stored in sealed MBB with desiccant or desiccator at <%RH to ensure no LEDs have exceeded their floor life of
672 hours.
E. Baking is required if:
- “10%” or “1%” HIC indicator turns pink.
- The LEDs are exposed to condition of >0°C / 60% RH at any time.
- The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±°C for 20 hours.


Similar Part No. - HSMF-A222-XXXXX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMF-C112 BOARDCOM-HSMF-C112 Datasheet
629Kb / 8P
   Tri-Color Top-Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
More results

Similar Description - HSMF-A222-XXXXX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17824 DIALIGHT-C-17824 Datasheet
134Kb / 1P
   POWER PLCC-4 SMT LEDS
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com