Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-6345-W10 Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-6345-W10
Description  20 - 45 GHz Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-6345-W10 Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMC-6345-W10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMC-6345-W10 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Biasing and Operation
AMMC-6345 has quite flexible drain biasing conditions.
Recommended quiescent DC bias condition for optimum
power and linearity performances is Vd=5 volts with
Vg set for Id=480 mA. For high gain applications, the
AMMC-6345 can be biased at Vd=3V. Minor improve-
ments in performance are possible depending on the
application. The drain bias voltage range is 3 to 5.5V. A
single DC gate supply connected to Vg will bias all gain
stages. Muting can be accomplished by setting Vg to the
pinch-off voltage Vp.
An optional output power detector network is also
provided. The differential voltage between the Det-Ref
and Det-Out pads can be correlated with the RF power
emerging from the RF output port. The detected voltage
is given by :
(
)
ofs
ref
V
V
V
V
=
det
where ref
V is the voltage at the
R
DET _
port, det
V is a volt-
age at the
O
DET _
port, and ofs
V
is the zero-input-power
offset voltage. There are three methods to calculate :
1. ofs
V
can be measured before each detector measure-
ment (by removing or switching off the power source
and measuring ). This method gives an error due to
temperature drift of less than 0.01dB/50°C.
2. ofs
V
canbemeasuredatasinglereferencetemperature.
The drift error will be less than 0.25dB.
3. ofs
V
can either be characterized over temperature and
stored in a lookup table, or it can be measured at two
temperatures and a linear fit used to calculate at any
temperature. This method gives an error close to the
method #1.
The RF ports are AC coupled at the RF input to the first
stage and the RF output of the final stage. No ground
wired are needed since ground connections are made
with plated through-holes to the backside of the de-
vice.
Assembly Techniques
The backside of the MMIC chip is RF ground. For mi-
crostrip applications the chip should be attached directly
to the ground plane (e.g. circuit carrier or heatsink) using
electrically conductive epoxy[1].
For best performance, the topside of the MMIC should be
brought up to the same height as the circuit surrounding
it. This can be accomplished by mounting a gold plate
metal shim (same length and width as the MMIC) under
the chip which is of correct thickness to make the chip
and adjacent circuit the same height. The amount of
epoxy used for the chip and/or shim attachment should
be just enough to provide a thin fillet around the bottom
perimeter of the chip or shim. The ground plain should
be free of any residue that may jeopardize electrical or
mechanical attachment.
The location of the RF bond pads is shown in Figure
12. Note that all the RF input and output ports are in a
Ground-Signal configuration.
RF connections should be kept as short as reasonable to
minimize performance degradation due to undesirable
series inductance. A single bond wire is normally suf-
ficient for signal connections, however double bonding
with 0.7 mil gold wire or use of gold mesh[2] is recom-
mended for best performance, especially near the high
end of the frequency band.
Notes:
1. Ablebond 84-1 LM1 silver epoxy is recommended.
2. Buckbee-Mears Corporation, St. Paul, MN, 800-262-3824


Similar Part No. - AMMC-6345-W10

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-6345-W10 BOARDCOM-AMMC-6345-W10 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
More results

Similar Description - AMMC-6345-W10

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD293 MMIC-CMD293 Datasheet
276Kb / 13P
   20-45 GHz Driver Amplifier
logo
Broadcom Corporation.
AMMC-6345 BOARDCOM-AMMC-6345 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-6345 HP-AMMC-6345 Datasheet
398Kb / 10P
   20 - 45 GHz Driver Amplifier
logo
Qorvo, Inc
CMD293 QORVO-CMD293 Datasheet
338Kb / 14P
   20-45 GHz Driver Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6345 AVAGO-AMMC-6345_15 Datasheet
222Kb / 11P
   20 ??45 GHz Driver Amplifier
AMMC-5040 AVAGO-AMMC-5040 Datasheet
373Kb / 10P
   20-45 GHz GaAs Amplifier
logo
Broadcom Corporation.
AMMC-5040 BOARDCOM-AMMC-5040 Datasheet
1Mb / 13P
   20-GHz to 45-GHz GaAs Amplifier
logo
TriQuint Semiconductor
TGA4521 TRIQUINT-TGA4521 Datasheet
177Kb / 9P
   32 - 45 GHz Wide Band Driver Amplifier
logo
Qorvo, Inc
CMD295 QORVO-CMD295 Datasheet
265Kb / 13P
   2-20 GHz Driver Amplifier
CMD295C4 QORVO-CMD295C4_V01 Datasheet
401Kb / 14P
   2-20 GHz Driver Amplifier
August 23, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com