Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-HM57-RSCXX Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RSCXX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RSCXX Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-RSCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Example of Wave Soldering Temperature Profile for TH LED
0
10
20
30
40
50
60
70
80
90
100
250
200
150
100
50
TIME (MINUTES)
PREHEAT
TURBULENT WAVE
LAMINAR WAVE
HOT AIR KNIFE
Recommended solder:
Sn63 (Leaded solder alloy)
SAC305 (Lead free solder alloy)
Flux: Rosin flux
Solder bath temperature:
245°C± 5°C (maximum peak
temperature = 250°C)
Dwell time: 1.5 sec - 3.0 sec
(maximum = 3sec)
Note: Allow for board to be sufficiently
cooled to room temperature before
exerting mechanical force.
Refer to application note AN5334 for more information about soldering and handling of high brightness TH LED lamps.
Ammo Packs Drawing
Note: The ammo-packs drawing is applicable for packaging option –DD & –ZZ and regardless of standoff or non-standoff.
18.00
± 0.50
(0.7087
± 0.0197)
6.35
± 1.30
(0.25
± 0.0512)
12.70
± 1.00
(0.50
± 0.0394)
9.125
± 0.625
(0.3593
± 0.0246)
12.70
± 0.30
(0.50
± 0.0118)
CATHODE
0.70
± 0.20
(0.0276
± 0.0079)
20.5
± 1.00
(0.8071
± 0.0394)
A
A
VIEW A–A
∅ 4.00 ± 0.20
(0.1575
± 0.008)
TYP.
ALL DIMENSIONS IN MILLIMETERS (INCHES).


Similar Part No. - HLMP-HM57-RSCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM54 AVAGO-HLMP-HM54 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM54-MQ0XX AVAGO-HLMP-HM54-MQ0XX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55 AVAGO-HLMP-HM55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55-MQ0XX AVAGO-HLMP-HM55-MQ0XX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HM55-NPCXX AVAGO-HLMP-HM55-NPCXX Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
More results

Similar Description - HLMP-HM57-RSCXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com