Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMF-A202-XXXXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-A202-XXXXX
Description  Surface Mount LED Indicators, PLCC-4 SMT LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-A202-XXXXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-A202-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMF-A202-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Absolute Maximum Ratings (TA = 25°C)
AlInGaP
Parameters
GaP
AlGaAs
Red, Amber
Yellow Green
GaN/InGaN
DC Forward Current[1]
30 mA
30 mA
30 mA[3,4]
20 mA[4]
20 mA
Peak Forward Current[2]
100 mA
100 mA
100 mA
100 mA
100 mA
Power Dissipation
78 mW
78 mW
72 mW
48 mW
120 mW
Reverse Voltage
5 V
Junction Temperature
110°C
Operating Temperature
–55°C to +100°C
Storage Temperature
–55°C to +100°C
Notes:
1. Derate linearly as shown in figure 4.
2. Duty factor = 10%, Frequency = 1kHz.
3. Drive Current between 10 mA and 30 mA are recommended for best long term performance.
4. Operation at current below 5 mA is not recommended.
Part Numbering System
HSM x1 – A x2 x3x4 – x5x6 x7 x8x9
Packaging Option
Color Bin Selection
Intensity Bin Select
Device Specification Configuration
Package Type
LED Chip Color


Similar Part No. - HSMF-A202-XXXXX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMF-C112 BOARDCOM-HSMF-C112 Datasheet
629Kb / 8P
   Tri-Color Top-Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C113 AVAGO-HSMF-C113 Datasheet
176Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C113 AVAGO-HSMF-C113 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
HSMF-C114 AVAGO-HSMF-C114 Datasheet
87Kb / 8P
   Surface Mount Tricolor ChipLEDs
HSMF-C115 AVAGO-HSMF-C115 Datasheet
227Kb / 8P
   HSMF-C113 and HSMF-C115 Right Angle Tricolor Surface Mount ChipLEDs
More results

Similar Description - HSMF-A202-XXXXX

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
C-17824 DIALIGHT-C-17824 Datasheet
134Kb / 1P
   POWER PLCC-4 SMT LEDS
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
   PLCC-4 Surface Mount Tricolor LED
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Fairchild Semiconductor
QTLP673C FAIRCHILD-QTLP673C Datasheet
139Kb / 9P
   SURFACE MOUNT LED LAMP POWER PLCC-4
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com