Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6222-TR1G Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6222-TR1G
Description  7 to 21 GHz GaAs High Linearity LNA in SMT Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6222-TR1G Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-6222-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AMMP-6222-TR1G Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Figure 24. Suggested Lead-Free Reflow Profile for SnAgCu Solder Paste
Manual Assembly
• Follow ESD precautions while handling packages.
• Handling should be along the edges with tweezers.
• Recommended attachment is conductive solder paste.
Please see recommended solder reflow profile. Neither
Conductive epoxy or hand soldering is recommended.
• Apply solder paste using a stencil printer or dot
placement. The volume of solder paste will be
dependent on PCB and component layout and should
be controlled to ensure consistent mechanical and
electrical performance.
• Follow solder paste and vendor’s recommendations
when developing a solder reflow profile. A standard
profile will have a steady ramp up from room
temperature to the pre-heat temp. to avoid damage
due to thermal shock.
• Packages have been qualified to withstand a peak
temperature of 260°C for 20 seconds. Verify that the
profile will not expose device beyond these limits.
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Seconds
Peak = 250 ± 5˚C
Ramp 1 Preheat Ramp 2 Reflow
Cooling
Melting point = 218˚C
A properly designed solder screen or stencil is required to
ensure optimum amount of solder paste is deposited onto
the PCB pads. The recommended stencil layout is shown
in Figure 23. The stencil has a solder paste deposition
opening approximately 70% to 90% of the PCB pad.
Reducing stencil opening can potentially generate more
voids underneath. On the other hand, stencil openings
larger than 100% will lead to excessive solder paste smear
or bridging across the I/O pads. Considering the fact that
solder paste thickness will directly affect the quality of
the solder joint, a good choice is to use a laser cut stencil
composed of 0.127mm (5 mils) thick stainless steel which
is capable of producing the required fine stencil outline.
The most commonly used solder reflow method is
accomplished in a belt furnace using convection heat
transfer.The suggested reflow profile for automated reflow
processes is shown in Figure 24. This profile is designed
to ensure reliable finished joints. However, the profile
indicated in Figure 14 will vary among different solder
pastes from different manufacturers and is shown here for
reference only.
Package, Tape & Reel, and Ordering Information
AMMP-6222 Part Number Ordering Information
Part Number
Devices Per Container
Container
AMMP-6222-BLKG
0
Antistatic bag
AMMP-6222-TRG
00
7”Reel
AMMP-6222-TR2G
500
7”Reel


Similar Part No. - AMMP-6222-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222-TR1G AVAGO-AMMP-6222-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6222-TR1G BOARDCOM-AMMP-6222-TR1G Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
More results

Similar Description - AMMP-6222-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
AMMC-6222 BOARDCOM-AMMC-6222 Datasheet
1Mb / 12P
   7 to 21 GHz GaAs High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com