Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDB-9340-L-12-A Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDB-9340-L-12-A
Description  1250/2500 CPR Commutation Encoder Modules with Codewheel
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDB-9340-L-12-A Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AEDB-9340-L-12-A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDB-9340-L-12-A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
The AEDB-9340 optical encoder series are six-channel
optical incremental encoder modules with codewheel.
The encoder is compliant to RoHS directive and had
been declared as a lead free product. When used with
codewheel, these modules detect rotary position. Each
module consists of a collimated LED source and detector
IC enclosed within a small plastic package. Due to
highly collimated light source and unique photo detec-
tor array designs, these modules are extremely tolerant
to mounting misalignment.
The AEDB-9340 optical encoder has integrated commu-
tation output (U, V, W), two-channel quadrature outputs
plus a third channel index output (A, B, I). This ungated
index output is a positive index pulse that is generated
once for each full rotation of the codewheel.
The AEDB-9340 series optical encoder is designed for
use with a codewheel that has an optical radius of
15 mm (0.590 inch) for 1250/2500 CPR, 12.3 mm (0.484
inch) for 1024/2048 CPR and 12 mm (0.472 inch) for 1000/
2000 CPR.
The quadrature, index, commutation signals and power
supplied to encoder are accessed through eight
0.46 mm square male connector pins located on 1.27 mm
(pitch).
The AEDB-9340 optical encoder provides advanced
motion control detection with integrated commutation
outputs (U, V, and W). It is equivalent to those produced
by Hall Switches, thus making it ideal for servo motor
application. With the AEDB-9340 solution,the system will
be more compact, have reduced alignment time with
usage of alignment jig, thus making assembly process
much easier for housed encoder integration. It has
superior switching accuracy due to much lower
hysteresis when compared to a Hall Switches. The com-
mutation signals can be generated for Brushless DC
motor of different rotor pole-pairs by simply changing
with matching pole-pair codewheel.
Features
• Two-channel quadrature output with ungated index
pulse (A, B, I)
• Three-channel integrated commutation output (U, V, W)
• Up to 2500 Cycles Per Revolution (CPR)
• Easy assembly with alignment jig
• Designed to fit into circular shaped housing
• Up to 150 kHz frequency response
• –10
°C to 85°C operating temperature
• TTL compatible
• Single 5 V supply
• Integrated feedback device for Brushless DC Motor
AEDB-9340 Series
1250/2500 CPR Commutation Encoder Modules
with Codewheel
Data Sheet
Applications
Typical applications include industrial printers, plotters,
tape drives, and industrial and factory automation
equipment.
Note: Avago Technologies encoders are not recommended
for use in safety critical applications, e.g., ABS braking
systems, power steering, life support systems and critical
care medical equipment. Please contact sales representative
if more clarification is needed.


Similar Part No. - AEDB-9340-L-12-A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
More results

Similar Description - AEDB-9340-L-12-A

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
HEDB-9100 AVAGO-HEDB-9100 Datasheet
67Kb / 5P
   Two Channel Optical Incremental Encoder Modules Bundle With Codewheel
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com