Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMW-A400-XXXXX Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMW-A400-XXXXX
Description  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMW-A400-XXXXX Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HSMW-A400-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HSMW-A400-XXXXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Moisture Sensitivity
This product is qualified as Moisture Sensitive Level 2a per Jedec J-STD-020. Precautions when handling this moisture
sensitive product is important to ensure the reliability of the product. Do refer to Avago Application Note AN5305
Handling of Moisture Sensitive Surface Mount Devices for details.
A. Storage before use
- Unopen moisture barrier bag (MBB) can be stored at <40°C/90%RH for 12 months. If the actual shelf life has
exceeded 12 months and the HIC indicates that baking is not required, then it is safe to reflow the LEDs per the
original MSL rating.
- It is not recommended to open the MBB prior to assembly (e.g. for IQC).
B. Control after opening the MBB
- The humidity indicator card (HIC) shall be read immediately upon opening of MBB.
- The LEDs must be kept at <30°C / 60%RH at all time and all high temperature related process including soldering,
curing or rework need to be completed within 672 hours.
C. Control for unfinished reel
- For any unuse LEDs, they need to be stored in sealed MBB with desiccant or desiccator at <5%RH.
D. Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to be
stored in sealed MBB with desiccant or desiccator at <5%RH to ensure no LEDs have exceeded their floor life of
672 hours.
E. Baking is required if:
- “10%” or “15%” HIC indicator turns pink.
- The LEDs are exposed to condition of >30°C / 60% RH at any time.
- The LEDs floor life exceeded 672 hours.
Recommended baking condition: 60±5°C for 20 hours.


Similar Part No. - HSMW-A400-XXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-A100-T50J1 AVAGO-HSMW-A100-T50J1 Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40J1 AVAGO-HSMW-A100-U40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V40J1 AVAGO-HSMW-A100-V40J1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-V4MH1 AVAGO-HSMW-A100-V4MH1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results

Similar Description - HSMW-A400-XXXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com