Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6220-TR2 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6220-TR2
Description  6-20 GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6220-TR2 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AMMP-6220-TR2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-TR2 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Outline Drawing
Figure 22. Outline Drawing.
3
2
1
4
8
BACK VIEW
0.012 (0.30)
0.016 (0.40)
0.014 (0.365)
0.011 (0.28)
0.018 (0.46)
0.114 (2.90)
0.100 (2.54)
0.100 (2.54)
0.059
(1.5)
0.126
(3.2)
0.029 (0.75)
5
6
7
0.016 (0.40)
0.93 (2.36)
0.028 (0.70)
NOTES:
1.
* INDICATES PIN 1
2. DIMENSIONS ARE IN INCHES (MILLIMETERS)
3. ALL GROUNDS MUST BE SOLDERED TO PCB RF GROUND
SYMBOL
A
B
DIMENSIONS ARE IN INCHES (MM)
MIN.
0.198 (5.03)
0.0685 (1.74)
MAX.
0.213 (5.4)
0.088 (2.25)
DIMENSIONAL TOLERANCE FOR BACK VIEW: 0.002" (0.05 mm)
1
2
3
7
6
5
4
8
B
A
A
AMMP
XXXX
YWWDNN
FRONT VIEW
SIDE VIEW
*


Similar Part No. - AMMP-6220-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220-TR2 HP-AMMP-6220-TR2 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220-TR2 AVAGO-AMMP-6220-TR2 Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6220-TR2 BOARDCOM-AMMP-6220-TR2 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
More results

Similar Description - AMMP-6220-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com