Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6220-BLK Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6220-BLK
Description  6-20 GHz Low Noise Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6220-BLK Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6220-BLK Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6220-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
AMMP-6220 Typical Performances (TA = 25°C, Vd = 3 V, ID = 55 mA, Zin = Zout = 50 W unless otherwise stated)
Note: These measurements are in 50 W test environment. Aspects of the amplifier performance may be improved over a narrower bandwidth by
application of additional conjugate, linearity or low noise (Gopt) matching.
Figure 10. Output return loss over temperature.
Figure 11. NF over temperature.
Figure 12. Bias current over temperature.
Figure 13. Gain over Vdd.
Figure 14. Isolation over Vdd.
Figure 15. Input RL over Vdd.
Figure 16. Output return loss over temperature.
Figure 17. Noise figure over Vdd.
Figure 18. OIP3 over Vdd.
0
-5
-10
-20
-30
4
6
8
12
20 22
FREQUENCY (GHz)
10
14
-25
-15
16 18
+25
°C
-40
°C
+85
°C
4.0
3.0
1.0
0
6
8
12
18
20
FREQUENCY (GHz)
3.5
10
14
1.5
0.5
2.5
2.0
16
+25
°C
-40
°C
+85
°C
25
20
15
0
4
6
8
12
20 22
FREQUENCY (GHz)
10
14
5
10
16 18
3 V
4 V
5 V
0
-10
-20
-60
4
6
8
12
20 22
FREQUENCY (GHz)
10
14
-50
-40
-30
16 18
3 V
4 V
5 V
0
-5
-20
4
6
8
12
20 22
FREQUENCY (GHz)
10
14
-15
-10
16 18
3 V
4 V
5 V
0
-5
-10
-30
4
6
8
12
20 22
FREQUENCY (GHz)
10
14
-25
-20
-15
16 18
3 V
4 V
5 V
3.0
2.5
2.0
0
6
8
12
20
FREQUENCY (GHz)
10
14
0.5
1.0
1.5
16
18
3 V
4 V
5 V
25
5
0
6
8
12
18
20
FREQUENCY (GHz)
20
10
14
10
15
16
3 V
4 V
5 V
62
52
50
3.0
5.0
Vdd (V)
60
3.5
4.0
56
54
58
4.5
+25
°C
-40
°C
+85
°C


Similar Part No. - AMMP-6220-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220-BLK HP-AMMP-6220-BLK Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6220-BLK AVAGO-AMMP-6220-BLK Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6220-BLK BOARDCOM-AMMP-6220-BLK Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
More results

Similar Description - AMMP-6220-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AMMP-6220 HP-AMMP-6220 Datasheet
406Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
Qorvo, Inc
CMD316C3 QORVO-CMD316C3 Datasheet
407Kb / 13P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220_15 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMP-6220 BOARDCOM-AMMP-6220 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD194C3 MMIC-CMD194C3 Datasheet
260Kb / 10P
   6-20 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6220 AVAGO-AMMC-6220 Datasheet
524Kb / 8P
   6 - 20 GHz Low Noise Amplifier
AMMP-6220 AVAGO-AMMP-6220_15 Datasheet
267Kb / 7P
   6-20 GHz Low Noise Amplifier
logo
Broadcom Corporation.
AMMC-6220 BOARDCOM-AMMC-6220 Datasheet
407Kb / 8P
   6 - 20 GHz Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com