Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8100 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDR-8100
Description  Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDR-8100 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AEDR-8100 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AEDR-8100 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Package Outline Drawing
6.2
4.4
TOP VIEW
3.2
2.7
1.0
1.5
SIDE VIEW (LOW RESOLUTION)
SIDE VIEW (HIGH RESOLUTION)
ALL DIMENSIONS ARE IN MILLIMETERS
TOLERANCE X.XX
± 1.5 mm
NC
GND
CH A
VCC
VLED
NC
CH B
GND
0.62
1.28
0.64
0.4
1.02
0.4
1.54
0.84
1.62
BOTTOM VIEW


Similar Part No. - AEDR-8100

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300-1K0 HP-AEDR-8300-1K0 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1K1 HP-AEDR-8300-1K1 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8100

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
C14 CUI-C14 Datasheet
413Kb / 5P
   panel mount optical encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com