Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDR-8000 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDR-8000
Description  Reflective Surface Mount Optical Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDR-8000 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AEDR-8000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AEDR-8000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
Ordering Information
AEDR-8
0
Option
PCB Thickness
Number of
Packaging
Lines per Inch
Shipping Units
0 - 1.5 mm (Low
Channels
1 - Tape and
K - 75 LPI
0 - 1000 pcs
Resolution)
1 - One Channel
Reel
P - 150 LPI
1 - 500 pcs
1 - 1.0 mm (High
0 - Two Channels
Q - 180 LPI
2 - 100 pcs
Resolution)
Note: Encoders are packed in tape of quantity 1000 pcs or 500 pcs or 100 pcs.
Available Options
Resolution
Shipping Units
K –
P –
Q –
0 –
1 –
2 –
Encoder
75 LPI
150 LPI
180 LPI
1000 pcs
500 pcs
100 pcs
AEDR-8000
*
*
*
*
AEDR-8010
*
*
AEDR-8100
*
*
*
*
AEDR-8100
*
*
*


Similar Part No. - AEDR-8000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8300 AVAGO-AEDR-8300 Datasheet
206Kb / 10P
   Single channel incremental output
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300-1K0 HP-AEDR-8300-1K0 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
AEDR-8300-1K1 HP-AEDR-8300-1K1 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
More results

Similar Description - AEDR-8000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-8320 AVAGO-AEDR-8320 Datasheet
223Kb / 11P
   Reflective Surface Mount Optical Encoder
AEDR-8400-140 AVAGO-AEDR-8400-140 Datasheet
89Kb / 2P
   Reflective Surface Mount Optical Encoder
AEDR-8300-1 AVAGO-AEDR-8300-1 Datasheet
126Kb / 8P
   Reflective Surface Mount Optical Encoder
AEDR-8400-132 AVAGO-AEDR-8400-132 Datasheet
328Kb / 8P
   Reflective Surface Mount Optical Encoder
logo
Agilent(Hewlett-Packard...
AEDR-8300 HP-AEDR-8300 Datasheet
110Kb / 10P
   Agilent AEDR-8300 Series Encoders Reflective Surface Mount Optical Encoder
logo
AVAGO TECHNOLOGIES LIMI...
HEDR-8000 AVAGO-HEDR-8000 Datasheet
430Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
Agilent(Hewlett-Packard...
HEDR-8000 HP-HEDR-8000 Datasheet
126Kb / 7P
   Reflective Optical Surface Mount Encoders
HEDR-8130 HP-HEDR-8130 Datasheet
189Kb / 8P
   Reflective Optical Surface Mount Encoders
logo
CUI INC
C14 CUI-C14_10 Datasheet
412Kb / 5P
   panel mount optical encoder
C14 CUI-C14 Datasheet
413Kb / 5P
   panel mount optical encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com