Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS9002 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS9002
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS9002 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button APDS9002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED APDS9002 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Recommended Reflow Profile
Process Zone
Symbol
D
T
Maximum DT/DTime
Heat Up
P1, R1
25
°C to 160°C4°C/s
Solder Paste Dry
P2, R2
160
°C to 200°C
0.5
°C/s
Solder Reflow
P3, R3
200
°C to 255°C (260°C at 10 seconds max.)
4
°C/s
P3, R4
255
°C to 200°C-6°C/s
Cool Down
P4, R5
200
°C to 25°C-6°C/s
The reflow profile is a straight-
line representation of a nominal
temperature profile for a
convective reflow solder process.
The temperature profile is divided
into four process zones, each with
different DT/Dtime temperature
change rates. The DT/Dtime rates
are detailed in the above table.
The temperatures are measured
at the component to printed
circuit board connections.
In process zone P1, the PC board
and APDS-9002 castellation pins
are heated to a temperature of
160
°C to activate the flux in the
solder paste. The temperature
ramp up rate, R1, is limited to 4
°C
per second to allow for even
heating of both the PC board and
APDS-9002 castellations.
Process zone P2 should be of
sufficient time duration (60 to 120
seconds) to dry the solder paste.
The temperature is raised to a
level just below the liquidus point
of the solder, usually 200
°C
(392
°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of solder
to 255
°C (491°F) for optimum
results. The dwell time above the
liquidus point of solder should be
between 20 and 60 seconds. It
usually takes about 20 seconds to
assure proper coalescing of the
solder balls into liquid solder and
the formation of good solder
connections. Beyond a dwell time
of 60 seconds, the intermetallic
growth within the solder
connections becomes excessive,
resulting in the formation of weak
and unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the solder,
usually 200
°C (392°F), to allow
the solder within the connections
to freeze solid.
Process zone P4 is the cool down
after solder freeze. The cool down
rate, R5, from the liquidus point
of the solder to 25
°C (77°F)
should not exceed 6
°C per second
maximum. This limitation is
necessary to allow the PC board
and APDS-9002 castellations to
change dimensions evenly,
putting minimal stresses on the
APDS-9002.
0
t-TIME (SECONDS)
230
200
160
120
80
50
150
100
200
250
300
180
220
255
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
60 sec.
MAX.
ABOVE
220
°C
MAX. 260
°C


Similar Part No. - APDS9002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS9002 HP-APDS9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS9002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9006-020 AVAGO-APDS-9006-020 Datasheet
706Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com