Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-6232-BLKG Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6232-BLKG
Description  18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6232-BLKG Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6232-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6232-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings [1]
Parameters / Conditions
Symbol
Unit
Max
Drain to Ground Voltage
Vdd
V
5.5
Gate-Drain Voltage
Vgd
V
-8
Drain Current
Idd
mA
200
Gate Bias Voltage
Vg
V
+0.8
Gate Bias Current
Ig
mA

RF CW Input Power Max
Pin
dBm
0
Max channel temperature
Tch
C
+50
Storage temperature
Tstg
C
-65 +50
Maximum Assembly Temp
Tmax
C
260 for 20s
1. Operationinexcessofanyoftheseconditionsmayresultinpermanentdamagetothisdevice.TheabsolutemaximumratingsforVdd,Vgd,Idd,
Vg,IgandPinweredeterminedatanambienttemperatureof25°Cunlessnotedotherwise.
DC Specifications/ Physical Properties [2]
Parameter and Test Condition
Symbol
Unit
Min
Typ
Max
Drain Supply Current (Vd=4.0 V)
Idd
mA
35
50
Drain Supply Voltage
Vd
V
3
4
5
Gate Bias Current
Ig
mA
0.
Gate Bias Voltage
Vg
V
-.
-0.95
-0.8
Thermal Resistance(3)
θjc
°C/W
35.
2. AmbientoperationaltemperatureTA=25°Cunlessnoted
3. Channel-to-backside Thermal Resistance (Tchannel = 34°C) as measured using infrared microscopy. Thermal Resistance at
backsidetemp.(Tb)=25°Ccalculatedfrommeasureddata.
AMMP-6232 RF Specifications [4]
TA=25°C,Vdd=4.0V,Idd=135mA,Zo=50
W
Parameters and Test Conditions
Freq. (GHz)
Symbol
Units
Minimum
Typical
Maximum
Sigma
Small-Signal Gain[5]
20, 26, 29
Gain
dB
9
23
Noise Figure into 50
W[5]
20, 26, 29
NF
dB
3
4.5
Output Power at dB Gain Compression
P-dB
dBm
8
Output Power at 3dB Gain Compression
Psat
dBm
20
Output Third Order Intercept Point
OIP3
dBm
29
Isolation
Iso
dB
-45
Input Return Loss
RLin
dB
-0
Output Return Loss
RLout
dB
-0
4. Refertocharacteristicplotsfordetailedindividualfrequencyperformance.
5. Alltestedparametersguaranteedwithmeasurementaccuracy±1.5dBforgainand±0.4dBforNF.


Similar Part No. - AMMP-6232-BLKG

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232-BLKG AVAGO-AMMP-6232-BLKG Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232-BLKG AVAGO-AMMP-6232-BLKG Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6232-BLKG BOARDCOM-AMMP-6232-BLKG Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
More results

Similar Description - AMMP-6232-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
VMMK-2403 AVAGO-VMMK-2403 Datasheet
768Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2403 BOARDCOM-VMMK-2403 Datasheet
819Kb / 11P
   2 to 4 GHz GaAs High Linearity LNA in Wafer Level Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMC-6232 BOARDCOM-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6232 AVAGO-AMMC-6232 Datasheet
1Mb / 8P
   18 to 32 GHz GaAs High Linearity Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com