Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADNS-6230-001 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ADNS-6230-001
Description  High Performance Laser Mouse Bundles
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ADNS-6230-001 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ADNS-6230-001 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ADNS-6230-001 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
7
Parameter
Symbol
Minimum
Maximum
Units
Notes
Laser output power
LOP
716
uW
Per conditions above
Single Fault Detection
ADNS-6010 is able to detect a short circuit, or fault,
condition at the RBIN and XY_LASER pins, which could
lead to excessive laser power output. A low resistance
path to ground on either of these pins will trigger the
fault detection circuit, which will turn off the laser drive
current source and set the LASER_NEN output high.
When used in combination with external components
as shown in the block diagram below, the system will
prevent excess laser power for a single short to ground
at RBIN or XY_LASER by shutting off the laser. Refer to the
PC board layout notes for recommendations to reduce
the chance of high resistance paths to ground existing
due to PC board contamination.
In addition to the continuous fault detection described
above, an additional test is executed automatically
whenever the LP_CFG0 register is written to. This test
will check for a short to ground on the XY_LASER pin,
a short to VDD3 on the XY_LASER pin, and will test the
fault detection circuit on the XY_LASER pin.
Figure 6. Single Fault Detection and Eye-safety Feature Block Diagram
RBIN
LASER_NEN
XY_LASER
GND
ADNS-6010
LASER
DRIVER
VDD3
LASER
Microcontroller
RESET
NPD
voltage sense
current set
VDD3
fault control
block
LASER Output Power
The laser beam output power as measured at the navi-
gation surface plane is specified below. The following
conditions apply:
1. The system is adjusted according to the above pro-
cedure.
2. The system is operated within the recommended op-
erating temperature range.
3. The VDD3 value is no greater than 50mV above its
value at the time of adjustment.
4. No allowance for optical power meter accuracy is as-
sumed.
Disabling the LASER
LASER_NEN is connected to the base of a PNP transistor
which when ON connects VDD3 to the LASER. In normal
operation, LASER_NEN is low. In the case of a fault con-
dition (ground at XY_LASER or RBIN), LASER_NEN goes
high to turn the transistor off and disconnect VDD3 from
the LASER.


Similar Part No. - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ADNS-6230-001 HP-ADNS-6230-001 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Broadcom Corporation.
ADNS-6230-001 BOARDCOM-ADNS-6230-001 Datasheet
166Kb / 6P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6230-001 AVAGO-ADNS-6230-001 Datasheet
107Kb / 1P
   Low Power Laser Mouse Sensor
More results

Similar Description - ADNS-6230-001

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ADNB-6011 AVAGO-ADNB-6011 Datasheet
1Mb / 52P
   High Performance Laser Mouse Bundles
logo
Agilent(Hewlett-Packard...
ADNB-6031 HP-ADNB-6031 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
ADNB-6032 HP-ADNB-6032 Datasheet
770Kb / 45P
   Low Power Laser Mouse Bundles
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-6000 AVAGO-ADNS-6000 Datasheet
928Kb / 41P
   Laser Mouse Sensor
ADNK-6010 AVAGO-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
ADNS-7050 AVAGO-ADNS-7050 Datasheet
401Kb / 34P
   Laser Mouse Sensor
logo
Broadcom Corporation.
ADNK-6010 BOARDCOM-ADNK-6010 Datasheet
103Kb / 1P
   Laser Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com