Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMC-QXB2-TXXXX Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMC-QXB2-TXXXX
Description  Envisium 0.5W Power PLCC-4 Surface Mount LED Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMC-QXB2-TXXXX Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASMC-QXB2-TXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ASMC-QXB2-TXXXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Figure 3. Forward Current Vs. Forward Voltage
Figure 4. Relative Intensity Vs. Forward Current
0
50
100
150
200
250
300
350
0
1
2
3
4
5
FORWARD VOLTAGE - V
AlInGaP Amber
AlInGaP Red Orange
0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
120
140
160
DC FORWARD CURRENT - mA
Figure 5. Relative Intensity Vs. Temperature
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
JUNCTION TEMPERATURE - °C
Figure 2. Relative Intensity Vs. Wavelength
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
680
730
780
WAVELENGTH - nm
AlInGaP Amber
AlInGaP Red Orange


Similar Part No. - ASMC-QXB2-TXXXX

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ASMC-PAB9-TV005 HP-ASMC-PAB9-TV005 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PAB9-TV005 AVAGO-ASMC-PAB9-TV005 Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PAB9-TV005 BOARDCOM-ASMC-PAB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
Agilent(Hewlett-Packard...
ASMC-PAB9-TV0A5 HP-ASMC-PAB9-TV0A5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
ASMC-PAB9-TV0B5 HP-ASMC-PAB9-TV0B5 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
More results

Similar Description - ASMC-QXB2-TXXXX

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
   Envisium Power PLCC-4 Surface Mount LED
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
   Super 0.5W Power PLCC-4 Surface Mount LED Indicator
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
   Envisium Power PLCC-4 Surface Mount LED
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
   Envisium??Power PLCC-4 Surface Mount LED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QWB2-NXXXX AVAGO-ASMT-QWB2-NXXXX Datasheet
365Kb / 8P
   Super 0.5W White Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
   PLCC-4 Surface Mount LED Indicator
ASMT-QXB2-FXXXX AVAGO-ASMT-QXB2-FXXXX Datasheet
278Kb / 9P
   Super 0.5 W Power PLCC-4 Surface Mount LED Indicator
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com