Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-4260 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSDL-4260
Description  High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSDL-4260 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSDL-4260 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSDL-4260 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSDL-4260 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSDL-4260 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Figure 1. Relative Radiant Intensity vs. Wavelength
Figure 2. DC Forward Current vs. Forward Voltage
Peak Wavelength Vs Relative Radiant Intensity
0
0.2
0.4
0.6
0.8
1.0
1.2
800
820
840
860
880
900
920
940
Peak Wavelength - nm
V-I Characteristics
1
10
100
0
0.5
1
1.5
2
Vf - Forward Voltage - (V)
4260Vf-If
Figure 3. Peak Forward Current vs. Forward Voltage
Peak Forward VoltagePeak Forward Current
1
10
100
1000
0
0.5
1
1.5
2
2.5
Vfpk - Peak Forward Voltage - (V)
Forward Voltage Vs Temperature
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
-25
0
25
50
75
100
125
Temperature in Degrees
I-Led=20mA
I-Led=100mA
Figure 4. Forward Voltage vs. Ambient Temperature
Figure 5. Relative Radiant Intensity vs. DC Forward Curren
I-Led Vs Relative Radiant Intensity at T=25˚C
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
120
I-Led - mA
Maximum Permisible DC forward current vs. ambient temperature
0
10
20
30
40
50
60
70
80
90
100
110
0
1020
30405060
708090
TA- Ambient Temperature -˚C
300
Figure 6. DC Forward Current vs. Ambient Temperature Derated
Based on TJMAX=110°°°°°C


Similar Part No. - HSDL-4260

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4260 LITEON-HSDL-4260 Datasheet
138Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
More results

Similar Description - HSDL-4260

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4260 LITEON-HSDL-4260 Datasheet
138Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (875nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4261 AVAGO-HSDL-4261 Datasheet
235Kb / 4P
   High-Power T-1쩐 (5mm) AlGaAs Infrared (870nm) Lamp
HSDL-4270 AVAGO-HSDL-4270 Datasheet
130Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
ASDL-4262 AVAGO-ASDL-4262 Datasheet
185Kb / 4P
   High Power T-1쩐 (5mm) AlGaAs/GaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4271 LITEON-HSDL-4271 Datasheet
94Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4271 AVAGO-HSDL-4271 Datasheet
84Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4270 LITEON-HSDL-4270 Datasheet
140Kb / 4P
   High-Performance T-1쩐 (5mm) AlGaAs Infrared (940nm) Lamp
HSDL-4250 LITEON-HSDL-4250 Datasheet
190Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-4250 AVAGO-HSDL-4250 Datasheet
180Kb / 4P
   High-Performance T-1 쩐 (5mm) AlGaAs Infrared (870nm) Lamp
logo
Lite-On Technology Corp...
HSDL-4251 LITEON-HSDL-4251 Datasheet
190Kb / 4P
   High-Performance T-1 3/4 (5mm) AlGaAs Infrared (870nm) Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com