Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AD87-RU0DD Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AD87-RU0DD
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AD87-RU0DD Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-AD87-RU0DD Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AD87-RU0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HLMP-AD85, HLMP-AD87, HLMP-AM86,
HLMP-AM87, HLMP-AB86, HLMP-AB87
Precision Optical Performance �e��� �reen an� �l�e
�e��� �reen an� �l�e
5mm Mini Oval ���s
���s
Data Sheet
Features
• Welldefinedspatialradiationpattern
• Highbrightnessmaterial
• Availableinred,greenandbluecolor
-RedAlInGaP630nm
-Green InGa�� ���nm
GreenInGa�����nm
-�lue InGa�� ��0nm
�lueInGa����0nm
• Superiorresistancetomoisture
• Tintedanddiffused
Benefits
• Viewingangledesignedforwidefieldofview
applications
• Superiorperformanceforoutdoorenvironments.
Applications
• Fullcolorsigns
• Commercialoutdooradvertising
Description
These Precision Optical Performance Oval LEDs are
specifically designed for full color/video and passenger
informationsigns.Theovalshapedradiationpatternand
highluminousintensityensurethesedevicesareexcellent
forwidefieldofviewoutdoorapplicationswhereawide
viewing angle and readability in sunlight are essential.
These lamps have very smooth, matched radiation
patternsensuringconsistentcolormixinginfullcolorap-
plications,messageuniformityacrosstheviewingangle
ofthesign.HighefficiencyLEDmaterialisusedinthese
lamps:AluminiumIndiumGalliumPhosphide(AlInGaP)for
redandIndiumGallium��itride(InGa��)forblueandgreen.
Eachlampismadewithanadvanceopticalgradeepoxy
offering superior high temperature and high moisture
resistanceinoutdoorapplications.
ThepackageepoxycontainsbothUV-AandUV-�inhibi-
torstoreducetheeffectsoflongtermexposuretodirect
sunlight.
Caution: InGaN devices are Class 1C HBM ESD sensitive per JEDEC standard. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.


Similar Part No. - HLMP-AD87-RU0DD

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AD87-RU0XX HP-HLMP-AD87-RU0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

Similar Description - HLMP-AD87-RU0DD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com