Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMA-A431-Y00M1 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMA-A431-Y00M1
Description  Surface Mount LED Indicator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMA-A431-Y00M1 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HSMA-A431-Y00M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMA-A431-Y00M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Device Selection Guide
Notes:
1. The luminous intensity IV, is measured at the mechanical axis of the lamp package.
The actual peak of the spatial radiation pattern may not be aligned with this axis.
2. Iv tolerance ±12%
Color
Part Number
Min. IV (mcd) Typ. IV (mcd)
Max. IV (mcd)
Test Current
(mA)
Dice
Technology
Red
HSMC-A430-W50M1
1125.00
2300.00
3550.00
50
AlInGaP
HSMC-A431-X90M1
2240.00
4000.00
7150.00
50
AlInGaP
Red Orange
HSMJ-A430-W50M1
1125.00
2300.00
3550.00
50
AlInGaP
HSMJ-A431-X90M1
2240.00
4500.00
7150.00
50
AlInGaP
HSMV-A430-Y90M1
3500.00
6000.00
11250.00
50
AlInGaP
Orange
HSML-A431-X90M1
2240.00
4500.00
7150.00
50
AlInGaP
Amber
HSMA-A430-W90M1
1400.00
3000.00
4500.00
50
AlInGaP
HSMA-A431-Y00M1
2850.00
5000.00
-
50
AlInGaP
HSMA-A431-X90M1
2240.00
4700.00
7150.00
50
AlInGaP
Green
HSMM-A430-W90M2
1400.00
2400.00
4500.00
30
InGaN
Blue
HSMN-A430-U50M2
450.00
950.00
1400.00
30
InGaN
HSMN-A431-T50M2
285.00
360.00
900.00
30
InGaN
Part Numbering System
HSM x1 - A X2 X3 X4 - X5 X6 X7 X8 X9
Packaging Option
Colot Bin Selection
Intensity Bin Select
Device Specific Configuration
Package Type
LED Chip Color
Absolute Maximum Ratings (TA=25°C)
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1kHz
Parameters
HSMC/A
HSMV
HSMM/N
DC Forward Current [1]
70 mA
70 mA
30 mA
Peak Forward Current [2]
200 mA
200 mA
90 mA
Power Dissipation
180 mW
240 mW
114 mW
Reverse Voltage
5V
5V
4V
Junction Temperature
110 °C
Operating Temperature
- 40 °C to + 100 °C
Storage Temperature
- 40 °C to + 100 °C


Similar Part No. - HSMA-A431-Y00M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-A431-Y00M1 AVAGO-HSMA-A431-Y00M1 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMA-A431-Y00M1 BOARDCOM-HSMA-A431-Y00M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSMA-A431-Y00M1 BOARDCOM-HSMA-A431-Y00M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMA-A431-Y00M1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMC-A430 AVAGO-HSMC-A430 Datasheet
318Kb / 11P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com