Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-5978Z Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-5978Z
Description  Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-5978Z Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-5978Z Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-5978Z Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AFBR-5978Z
Digital Diagnostic 650nm Transceiver for Fast Ethernet
(10/100 Mbps) with SC-RJ connector
Data Sheet
Features
••••• Compatible with electrical and optical performance
of the POFAC recommendations for the Fast
Ethernet over Plastic Optical Fiber (POF).
••••• Compatible with the Electrical and Optical
performance of the ProfiNet recommendations the
Fast Ethernet over POF and Hard-Clad Silica Fiber
(HCS).
••••• Manufactured in an ISO 9001 certified facility
••••• DMI [Digital Diagnostics Monitoring Interface,
SFF-8472 Rev 9.3], provides real-time monitoring of:
- Temperature
- Supply voltage
- Received Optical Power (Alarm/Warning flag)
••••• LVPECL Signal Detect Output
••••• Temperature range –25 to +85 °C
Applications
••••• Factory automation at Fast Ethernet speeds
••••• Fast Ethernet networking over POF and HCS
••••• Link Distance up to 50 m POF or 100 m HCS
(See application note 5290 for details)
HCS® is a trademark of OFS Corporation
AFBR-5978Z is compatible with the SC-RJ Connecting System from
Reichle & De-Massari AG, Switzerland
Description
The AFBR-5978Z transceiver provides the system
designer with the ability to implement Fast Ethernet
(100 Mbps) or Ethernet (10 Mbps) over 50 meter
standard bandwidth 0.5±0.05 NA POF and 100 meter
standard bandwidth 0.37±0.04 NA HCS fiber. The
connectivity available for the transceiver is SC-RJ. This
product is lead free and compliant with RoHS.
Transmitter
The transmitter contains a 650nm LED with an
integrated driver. The LED driver operates at 3.3 V. It
receives a LVPECL compatible electrical input, and
converts it into a modulated current driving the LED.
The LED is packaged in an optical subassembly, part
of the transmitter section. The optical subassembly
couples the output optical power efficiently into POF
or HCS fiber.
Receiver
The receiver utilizes a Si PIN photodiode. The PIN
photodiode is packaged in an optical sub-assembly,
part of the receiver section. This optical subassembly
couples the optical power efficiently from POF or HCS
fiber to the receiving PIN. The integrated IC operates
at 3.3 V and converts the photocurrent into LVPECL
compatible electrical output.
Package
The transceiver package consist of four basic elements;
two optical subassemblies, an electrical subassembly
and the housing as illustrated in the block diagrams in
Figure 1. The package outline drawing and pin out are
shown in Figures 2 and 3.


Similar Part No. - AFBR-5978Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
logo
Broadcom Corporation.
AFBR-5978Z BOARDCOM-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet(10/100 Mbps) with SC-RJ connector
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z_13 Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
More results

Similar Description - AFBR-5978Z

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5978Z AVAGO-AFBR-5978Z_13 Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet (10/100 Mbps) with SC-RJ connector
logo
Broadcom Corporation.
AFBR-5978Z BOARDCOM-AFBR-5978Z Datasheet
352Kb / 14P
   Digital Diagnostic 650nm Transceiver for Fast Ethernet(10/100 Mbps) with SC-RJ connector
logo
List of Unclassifed Man...
DM9161 ETC-DM9161 Datasheet
561Kb / 47P
   10/100 Mbps FAST ETHERNET PHYSICAL LAYER SINGLE CHIP TRANSCEIVER
logo
Davicom Semiconductor, ...
DM9161EP DAVICOM-DM9161EP Datasheet
94Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C Datasheet
696Kb / 47P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BIEP DAVICOM-DM9161BIEP Datasheet
129Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161C DAVICOM-DM9161C_1 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9161BEP DAVICOM-DM9161BEP Datasheet
172Kb / 3P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9162 DAVICOM-DM9162 Datasheet
70Kb / 2P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
DM9163 DAVICOM-DM9163 Datasheet
187Kb / 7P
   10/100 Mbps Fast Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com