Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-AM86-TW000 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-AM86-TW000
Description  Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AM86-TW000 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AM86-TW000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AM86-TW000 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Figure 8. Relative intensity vs. forward current
Figure 9.Relative dominant wavelength vs. DC forward current
Figure 10. Spatial radiation pattern for RGB – major axis
Figure 11. Spatial radiation pattern for RGB – minor axis
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
5
10
15
20
25
30
DC FORWARD CURRENT - mA
0.995
1.000
1.005
1.010
1.015
1.020
0
10
20
30
FORWARD CURRENT, mA
GREEN
BLUE
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES
0
0.5
1
-90
-60
-30
0
30
60
90
ANGULAR DISPLACEMENT - DEGREES


Similar Part No. - HLMP-AM86-TW000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-AM86-TW0XX HP-HLMP-AM86-TW0XX Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
More results

Similar Description - HLMP-AM86-TW000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-LD15 AVAGO-HLMP-LD15 Datasheet
428Kb / 12P
   Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com