Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMC-5024-W10 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMC-5024-W10
Description  30 KHz-40GHz Traveling Wave Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMC-5024-W10 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  AMMC-5024-W10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMC-5024-W10 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AMMC-5024
30 KHz – 40 GHz Traveling Wave Amplifier
Data Sheet
Features
• Widefrequencyrange:30KHz– 40GHz
• Highgain:16dB
• Gainflatness:±0.75dB
• Returnloss:
Input:13dB,Output:13dB
• Mediumpower:P-1dB=22.5dBmat22GHz
• Lownoisefigure:4.6dBat26GHz
Applications
• Communicationsystems
• Microwaveinstrumentation
• Opticalsystems
• Broadbandapplicationsrequiringflatgainandgroup
delaywithexcellentinputandoutputportmatchesover
the30KHzand40GHzfrequencyrange
Absolute Maximum Ratings[1]
Symbol
Parameters/Conditions
Units
Min.
Max.
Vdd
PositiveDrainVoltage
V
10
Idd
TotalDrainCurrent
mA
340
Vg1
FirstGateVoltage
V
-9.5
0
Ig1
FirstGateCurrent
mA
-38
+1
Vg2
SecondGateVoltage
V
-3.5
+4
Ig2
SecondGateCurrent
mA
-20
Pin
CWInputPower
dBm
17
Tch
OperatingChannelTemperature
°C
+150
Tb
OperatingBacksideTemperature
°C
-55
Tstg
StorageTemperature
°C
-65
+165
Tmax
Max.AssemblyTemp(60secmax)
°C
+300
Notes:
1. Absolutemaximumratingsforcontinuousoperationunlessotherwisenoted.
ChipSize:
2350x1050µm(92.5x41.3mils)
ChipSizeTolerance: ±10µm(±0.4mils)
ChipThickness:
100±10µm(4±0.4mils)
PadDimensions:
80x80µm(2.95x0.4mils)
Description
AvagoTechnologies'AMMC-5024isabroadbandPHEMT
GaAsMMICTWAdesignedformediumoutputpowerand
highgainoverthefull30KHzto40GHzfrequency
range.Thedesignemploysa9-stage,cascade-connected
FETstructuretoensureflatgainandpoweraswellasuni-
formgroupdelay.E-beamlithographyisusedtoproduce
uniformgatelengthsof0.15mmandMBEtechnology
assuresprecisesemiconductorlayercontrol.Forimproved
reliabilityandmoistureprotection,thedieispassivated
attheactiveareas.


Similar Part No. - AMMC-5024-W10

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMC-5024-W10 BOARDCOM-AMMC-5024-W10 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
More results

Similar Description - AMMC-5024-W10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024_08 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Broadcom Corporation.
AMMC-5024 BOARDCOM-AMMC-5024 Datasheet
379Kb / 10P
   30 KHz??0 GHz Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5024 HP-AMMC-5024 Datasheet
206Kb / 11P
   Agilent AMMC-5024 30 KHz??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5024 AVAGO-AMMP-5024 Datasheet
666Kb / 11P
   30kHz - 40 GHz Traveling Wave Amplifier
AMMP-5024 AVAGO-AMMP-5024_15 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
Communications & Power ...
VTX-6389A2 CPI-VTX-6389A2 Datasheet
90Kb / 2P
   1.2 kW, CW Traveling-Wave Amplifier
logo
Broadcom Corporation.
AMMP-5024 BOARDCOM-AMMP-5024 Datasheet
229Kb / 8P
   30kHz ??40 GHz Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026 Datasheet
165Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
Agilent(Hewlett-Packard...
AMMC-5026 HP-AMMC-5026 Datasheet
168Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5026 AVAGO-AMMC-5026_08 Datasheet
191Kb / 8P
   2-35 GHz GaAs MMIC Traveling Wave Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com