Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-LB17 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-LB17
Description  Precision Optical Performance Red, Green and Blue 4mm Standard Oval LEDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-LB17 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-LB17 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-LB17 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Notes:
1. For option -xxTxx, VF maximum is 2.6V. Refer to VF bin table.
2. Tolerance for each color bin limit is ± 0.5 nm
3. The dominant wavelength
λd is derived from the Chromaticity Diagram and represents the color of the lamp.
4. For AlInGaP Red, thermal resistance applied to LED junction to cathode lead, and for InGaN Blue and Green, thermal resistance applied to LED
junction to anode lead.
5. The radiant intensity, Ie in watts per steradian, may be found from the equation Ie = Ivv where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
6.
ηe = jV / IF x VF , where jV is the emitted luminous flux, IF is electrical forward current and VF is the forward voltage.
Electrical/Optical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Condition
Forward Voltage
Red [1]
Blue
Green
VF
2.0
2.8
2.8
2.3
3.2
3.3
2.6
3.85
3.85
V
IF = 20 mA
Reverse Voltage
Red
Blue
Green
VR
5
5
5
V
IR = 100 mA
IR = 10 mA
IR = 10 mA
Peak Wavelength
Red
Blue
Green
λpeak
639
464
516
nm
Peak of wavelength of spectral
distribution at IF = 20 mA
Dominant wavelength [2,3]
Red
Green
Blue
λd
622
520
460
630
525
470
634
540
480
nm
IF = 20 mA
Spectral Half width
Red
Blue
Green
1/2
17
23
32
nm
Wavelength width at spectral
distribution 1/2 power point at
IF = 20 mA
Capacitance
Red
Blue
Green
C
40
65
64
pF
VF = 0, F = 1 MHz
Thermal Resistance [4]
R
qJ-PIN
240
oC/W
LED Junction-to-pin
Luminous Efficacy [5]
Red
Blue
Green
ηv
155
75
520
lm/W
Emitted luminous power/emit-
ted radiant power
Luminous Flux
Red
Green
Blue
jV
1300
3000
600
mlm
IF = 20 mA
Luminous Efficiency [6]
Red
Green
Blue
ηe
30
50
10
lm/W
Luminous Flux/Electrical Power
IF = 20 mA


Similar Part No. - HLMP-LB17

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-FJ0XX AVAGO-HLMP-LB11-FJ0XX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-HJCXX AVAGO-HLMP-LB11-HJCXX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-HL0XX AVAGO-HLMP-LB11-HL0XX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
HLMP-LB11-JKCXX AVAGO-HLMP-LB11-JKCXX Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
More results

Similar Description - HLMP-LB17

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LG63 AVAGO-HLMP-LG63 Datasheet
472Kb / 9P
   Precision Optical Performance Red 4mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-LM65 AVAGO-HLMP-LM65 Datasheet
252Kb / 10P
   Precision Optical Performance Green and Blue New 4mm Standard Oval LEDs
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HD55 AVAGO-HLMP-HD55 Datasheet
333Kb / 12P
   Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG65 AVAGO-HLMP-HG65 Datasheet
884Kb / 14P
   Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com