Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEDS-9650Q10 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # AEDS-9650Q10
Description  Small Optical Encoder Modules 150 and 180 LPI Digital Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AEDS-9650Q10 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  AEDS-9650Q10 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AEDS-9650Q10 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Recommended Operating Conditions
Absolute Maximum Ratings
Note: Refer to Figure 2 for output waveform on tr and tf
Electrical Characteristics
Electrical Characteristics over Recommend Operating Range, typical at 25°C
Subjecting the part to stresses beyond those listed under this section may cause permanent damage to the
device. These are stress ratings only and do not imply that the devices function beyond these ratings. Exposure
to the extremes of these conditions for extended periods may affect device reliability.
Parameter
Symbol
Min.
Max.
Units
Notes
Storage Temperature
TS
-40
85
°C
Operating Temperature
TA
070
°C
Supply Voltage (Detector)
VCC
-0.5
7
Volts
Output Voltage
Vo
-0.5
Vcc
V
Output current per channel
Io
-1.5
10
mA
Soldering Temperature
TSOL
260
°C
t
≤ 7 sec
DC Forward
ILED
40
mA
VF < 3.0V
Reverse Voltage
VR
5V
IR = 100
µA
Parameter
Symbol Min.
Typ.
Max.
Units
Notes
Temperature
TA
025
70
°C
Supply Voltage (Detector)
VCC
3.0
3.3 or 5.0
5.2
Volts
Ripple < 100mVpp
Load Capacitance
CL
100
pF
Pullup Resistor
Rpull
none
k
Recommended no
pullup.
Count Frequency
Cf
60
kHz
Velocity (rpm) x N/60
Angular Misalignment
EA
-3.0
0.0
+3.0
Deg.
Mounting consideration
Mounting Position
RM
ROP - 2.4
(Rop-0.095")
mm
(inch)
* Refer to mounting
consideration
DC Forward Current (LED)
@ Vcc = 3.3 V
ILED
16
20
30
mA
Recommended 33
(
±10%) series resistor
between 3.3V supply
and Vled.
Parameter
Symbol Min.
Typ.@
3.3V
Max.
Units
Notes
Supply Current (Detector)
ICC
1.5
3.0
5
mA
High Level Output Voltage
VOH
2.4
3.3
5.2
V
Typ. IOH = -1.2 mA @ 3.3 V
Low Level Output Voltage
VOL
0.4
V
Typ. IOL = 2mA @ 3.3V
Rise Time
tr
50
ns
CL = 25 pF
Fall Time
tf
50
ns
LED Forward Voltage
VF
1.3 (turn on) 2.6
3.0
V
Typical IF = 20mA


Similar Part No. - AEDS-9650Q10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
AEDS-9620210 HP-AEDS-9620210 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
AEDS-9621210 HP-AEDS-9621210 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-9640110 AVAGO-AEDS-9640110 Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
More results

Similar Description - AEDS-9650Q10

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AEDS-9640-210 AVAGO-AEDS-9640-210 Datasheet
137Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
AEDS-964X AVAGO-AEDS-964X Datasheet
172Kb / 10P
   Small Optical Encoder Modules 150, 300, and 360 LPI Digital Output
logo
Agilent(Hewlett-Packard...
HEDS-974X HP-HEDS-974X Datasheet
208Kb / 6P
   180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-974X AVAGO-HEDS-974X Datasheet
363Kb / 6P
   For 180, 300, 360 LPI Small Optical Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9710 HP-HEDS-9710 Datasheet
248Kb / 8P
   200 lpi Analog Output Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-97EX AVAGO-HEDS-97EX Datasheet
209Kb / 10P
   Small Optical Encoder Modules 200 LPI Analog Voltage Output
logo
Agilent(Hewlett-Packard...
AEDS-962 HP-AEDS-962 Datasheet
226Kb / 10P
   300 LPI Ultra Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-970X AVAGO-HEDS-970X Datasheet
279Kb / 10P
   Digital Output Small Optical Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-974 HP-HEDS-974 Datasheet
224Kb / 7P
   Agilent HEDS-974x Series for 180, 300, 360 LPI Small Optical Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9730-350 AVAGO-HEDS-9730-350 Datasheet
119Kb / 6P
   Small Optical Encoder Modules 480lpi Digital Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com