Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-7924EZ Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-7924EZ
Description  Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-7924EZ Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HFBR-7924EZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HFBR-7924EZ Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in
isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values
of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended
periods can adversely affect device reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Reference
Storage Temperature
TS
-40
+100
ºC
Supply Voltage
VCC
-0.5
4.6
V
Data/Control Signal Input Voltage
VI
-0.5
VCC + 0.5
V
Transmitter Differential Input Voltage
| VD |2
V
1
Output Current (dc)
ID
25
mA
Relative Humidity (Non Condensing)
RH
5
95
%
Parameter
Symbol
Minimum Typical
Maximum Unit
Reference
Case Temperature
TC
0
+80
ºC
2, Figures 2,
Supply Voltage
VCC
3.135
3.3
3.465
V
Figure 8
Signaling Rate/Channel
1
2.7
GBd
Data Input Differential Peak-to-Peak
Voltage Swing
D
VDINP-P
175
1600
mVP-P
3, Figures 11,12
Data Input Rise & Fall Time (20-80%)
tr, tf
160
ps
Control Input Voltage High
VIH
2.0
VCC
V
Control Input Voltage Low
VIL
VEE
0.8
V
Power Supply Noise
NP
200
mVP-P
4, Figure 8
Data I/O Coupling Capacitors
CAC
0.1
µF
5, Figure 9
Receiver Differential Data Output Load
RDL
100
W
Figure 9
Notes:
1. This is the maximum voltage that can be applied across the Transmitter Differential Data Inputs without damaging the input circuit.
2. Case Temperature is measured as indicated in Figure 2.
3. Data inputs are CML compatible. Coupling capacitors are required to block dc. DVDIN p-p = DVDINH - DVDINL, where DVDINH = High State Differential
Data Input Voltage and DVDINL = Low State Differential Data Input Voltage.
4. Power Supply Noise is defined at the supply side of the recommended filter for all VCC supplies over the frequency range from 500 Hz to 2700 MHz
with the recommended power supply filter in place.
5. For data patterns with restricted run lengths, e.g. 8B10B encoded data, smaller value capacitors may provide acceptable results.
Recommended Operating Conditions
Recommended Operating Conditions specify conditions for which the optical and electrical characteristics hold. Optical and electrical
characteristics are not specified for operation beyond the Recommended Operating Conditions, reliability is not implied and damage to
the device may occur for such operation over an extended time period.


Similar Part No. - HFBR-7924EZ

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-7924E HP-HFBR-7924E Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
HFBR-7924EH HP-HFBR-7924EH Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
More results

Similar Description - HFBR-7924EZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7924EWZ AVAGO-HFBR-7924EWZ Datasheet
586Kb / 17P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Avago Technologies METRAK family
logo
Agilent(Hewlett-Packard...
HFBR-7924 HP-HFBR-7924 Datasheet
440Kb / 19P
   Agilent HFBR-7924 and HFBR-7924E/H/EH Four-Channel Pluggable Parallel Fiber Optic Transceiver Part of the Agilent METRAK family
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
AFCT-5765ANPZ AVAGO-AFCT-5765ANPZ Datasheet
246Kb / 19P
   Families of Small Form Factor Pluggable (SFP) Optical Transceivers for Single-Mode OC3/STM-1 with Optional DMI Part of the Avago Technologies METRAK Family
AFCT-5943LZ AVAGO-AFCT-5943LZ Datasheet
407Kb / 15P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Multirate Operation (Part of the Avago Technologies??METRAK family)
AFCT-5942LZ AVAGO-AFCT-5942LZ Datasheet
574Kb / 18P
   Single Mode SFF Transceivers for SONET OC-48/SDH STM-16 Singlerate Operation (Part of the Avago Technologies??METRAK family)
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
   Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com