Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-789BEZ Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-789BEZ
Description  Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-789BEZ Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-789BEZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-789BEZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Description
The HFBR-779BZ transmitter and HFBR-789BZ
receiver are high performance fiber optic modules
for
parallel
optical
data
communication
applications. These 12-channel devices, operating
u p to 2.7 Gbd per channel, provide a cost
effective solution for short-reach applications
requiring up to 32 Gb/s aggregate bandwidth.
These modules are designed to operate on
multimode fiber systems at a nominal wavelength
of 850 nm. They incorporate high performance,
highly reliable, short wavelength optical devices
coupled with proven circuit technology to provide
long life and consistent service.
The HFBR-779BZ transmitter module incorporates
a 12- channel VCSEL (Vertical Cavity Surface
Emitting Laser) array together with a custom
12-channel laser driver integrated circuit
providing IEC-60825 and CDRH Class 1M laser
eye safety.
The HFBR-789BZ receiver module contains a
12-channel PIN photodiode array coupled with
a custom preamplifier / post amplifier integrated
circuit.
Operating from a single +3.3 V power supply,
both modules provide LVTTL or LVCMOS control
interfaces and Current Mode Logic (CML)
compatible data interfaces to simplify external
circuitry.
The transmitter and receiver devices are housed
in MTP®/MPO receptacled packages. Electrical
connections to the devices are achieved by
means of a pluggable 10 x 10 connector array.
HFBR-779BZ/BEZ/BHZ and HFBR-789BZ/BEZ/BHZ
Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
Data Sheet
Features
RoHS Compliant
Low cost per Gb/s
High package density per Gb/s
3.3 volt power supply for low power consumption
850 nm VCSEL array source
12 independent channels per module
Separate transmitter and receiver modules
2.7 Gbd data rate per channel
Standard MTP® (MPO) ribbon fiber connector
interface
Pluggable package
62.5/125 micron multimode fiber operation:
Distance up to 100 m with 160 MHz.km fiber at 2.5 Gbd
Distance up to 200 m with 400 MHz.km fiber at 2.5 Gbd
Data I/O is CML compatible
Control I/O is LVTTL compatible
Manufactured in an ISO 9002 certified facility
Applications
Datacom switch and router backplane connections
Telecom switch and router backplane connections
Ordering Information
The HFBR-779BZ and HFBR-789BZ products
are available for production orders through the
Avago Technologies Component Field Sales office.
HFBR-779BZ No EMI Nose Shield
HFBR-789BZ No EMI Nose Shield
HFBR-779BEZ With Extended EMI Nose Shield
HFBR-789BEZ With Extended EMI Nose Shield
HFBR-779BHZ No EMI Nose Shield, No Heatsink
HFBR-789BHZ No EMI Nose Shield, No Heatsink


Similar Part No. - HFBR-789BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-789BEZ AVAGO-HFBR-789BEZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results

Similar Description - HFBR-789BEZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
AFBR-810BEPZ AVAGO-AFBR-810BEPZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
AFBR-810BZ AVAGO-AFBR-810BZ Datasheet
1Mb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optic Modules
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BWZ AVAGO-HFBR-772BWZ Datasheet
566Kb / 25P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver Low cost per Gb/s
AFBR-776BZ AVAGO-AFBR-776BZ Datasheet
966Kb / 48P
   Twelve-Channel Transmitter and Receiver Pluggable, Parallel-Fiber-Optics Modules
logo
Maxim Integrated Produc...
MAX9860EVKIT MAXIM-MAX9860EVKIT Datasheet
4Mb / 21P
   On-Board Fiber Optic Transmitter and Receiver Modules
Rev 0; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com