Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSML-C190 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-C190
Description  High Performance ChipLED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-C190 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSML-C190 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-C190 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Package Dimensions
2.0 (0.079 )
0.3 (0.012)
0.4 ± 0.15
(0.016 ± 0.006)
0.3 (0.012)
POLARITY
CATHODE
MARK
0.8 (0.031)
0.4 ± 0.15
(0.016 ± 0.006)
1.4
(0.055)
0.62 (0.024)
LED DIE
DIFFUSED
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.25 (0.049)
HSMx-C170
CATHODE LINE
NOTES:
1. ALL DIMENSIONS IN MILLIMETERS (INCHES).
2. TOLERANCE IS ± 0.1 mm (± 0.004 IN.) UNLESS OTHERWISE SPECIFIED.
HSMx-C190
1.6
(0.063 )
0.3 (0.012)
0.3 ± 0.15
(0.012 ± 0.006)
0.3 (0.012)
POLARITY
CATHODE
MARK
0.8 (0.031)
0.3 ± 0.15
(0.012 ± 0.006)
1.0
(0.039)
0.4 (0.016)
LED DIE
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINAL
0.8 (0.031)
CATHODE LINE
0.7 (0.028) MIN.
HSMx-C191
1.6
(0.063 )
0.3 (0.012)
0.3 ± 0.15
(0.012 ± 0.006)
0.3 (0.012)
POLARITY
CATHODE
MARK
0.6 (0.023)
0.3 ± 0.15
(0.012 ± 0.006)
1.0
(0.039)
0.4 (0.016)
LED DIE
DIFFUSED EPOXY
PC BOARD
SOLDERING
TERMINAL
0.8 (0.031)
CATHODE LINE
0.7 (0.028) MIN.
3.2 (0.126 )
0.5 (0.020)
0.8 (0.031)
POLARITY
CATHODE
LINE
1.5 (0.059)
LED DIE
CLEAR
EPOXY
PC BOARD
SOLDERING
TERMINAL
1.0 (0.039)
1.0 (0.039)
2.6 (0.102 )
1.6 (0.063 )
CATHODE LINE
HSMx-C110
3.2 (0.126 )


Similar Part No. - HSML-C190

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HSML-C190 ETC1-HSML-C190 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSML-C190 BOARDCOM-HSML-C190 Datasheet
191Kb / 9P
   High Performance ChipLED
More results

Similar Description - HSML-C190

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMW-C170 AVAGO-HSMW-C170 Datasheet
369Kb / 8P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C170-T0000 BOARDCOM-HSMA-C170-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMX-C110 BOARDCOM-HSMX-C110 Datasheet
191Kb / 9P
   High Performance ChipLED
logo
List of Unclassifed Man...
HSMA-C110 ETC1-HSMA-C110 Datasheet
230Kb / 11P
   High Performance ChipLED
logo
Broadcom Corporation.
HSMA-C191-T0000 BOARDCOM-HSMA-C191-T0000 Datasheet
1Mb / 9P
   High Performance ChipLED
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
HSML-C191-T0000 BOARDCOM-HSML-C191-T0000 Datasheet
1Mb / 10P
   High Performance Surface Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-4561 AVAGO-ASDL-4561 Datasheet
162Kb / 6P
   High Performance Infrared Emitter (870nm) ChipLED
ASDL-4560 AVAGO-ASDL-4560 Datasheet
158Kb / 6P
   High Performance Infrared Emitter (875nm) ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com