Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3031BH0 Datasheet(PDF) 11 Page - Applied Micro Circuits Corporation

Part # S3031BH0
Description  E4/STM-1/OC-3 ATM TRANSCEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S3031BH0 Datasheet(HTML) 11 Page - Applied Micro Circuits Corporation

Back Button S3031BH0 Datasheet HTML 7Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 8Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 9Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 10Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 11Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 12Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 13Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 14Page - Applied Micro Circuits Corporation S3031BH0 Datasheet HTML 15Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
E4/STM-1/OC-3 ATM TRANSCEIVER
S3031B
11
August 19, 1999 / Revision D
e
m
a
N
n
i
Pl
e
v
e
LO
/
I#
n
i
Pn
o
i
t
p
i
r
c
s
e
D
A
N
I
F
U
B
B
N
I
F
U
B
g
o
l
a
n
AI
0
3
1
3
s
i
h
T
.
t
i
u
c
r
i
c
r
e
f
f
u
b
k
r
o
w
t
e
n
r
e
z
il
a
u
q
e
e
h
t
o
t
s
t
u
p
n
I
.
s
t
u
p
n
I
r
e
f
f
u
B
r
e
m
r
o
f
s
n
a
r
t
e
h
t
o
t
d
a
o
l
e
c
n
a
d
e
p
m
i
h
g
i
h
a
s
e
d
i
v
o
r
p
t
i
u
c
r
i
c
n
r
u
t
e
r
d
e
r
i
u
q
e
r
e
h
t
h
t
i
w
y
l
p
m
o
c
o
t
r
e
d
r
o
n
i
k
r
o
w
t
e
n
n
o
i
t
a
n
i
m
r
e
t
n
i
n
w
o
h
s
s
a
d
e
t
c
e
n
n
o
c
e
b
d
l
u
o
h
s
s
n
i
p
e
s
e
h
T
.
s
n
o
i
t
a
c
i
f
i
c
e
p
s
s
s
o
l
.
t
n
e
l
a
v
i
u
q
e
y
ll
a
c
i
r
t
c
e
l
e
e
r
a
s
n
i
p
e
s
e
h
T
.
9
1
e
r
u
g
i
F
N
I
T
A
D
N
Ag
o
l
a
n
AI
6
4r
e
z
il
a
u
q
e
e
h
t
m
o
r
f
t
u
p
n
i
a
t
a
d
l
a
i
r
e
s
e
h
t
s
i
s
i
h
T
.
n
I
a
t
a
D
g
o
l
a
n
A
t
i
u
c
r
i
c
r
e
z
il
a
u
q
e
e
h
t
f
o
t
u
p
t
u
o
e
h
t
o
t
d
e
t
c
e
n
n
o
c
e
b
t
s
u
m
t
I
.
t
i
u
c
r
i
c
c
i
t
p
o
r
e
b
i
f
a
h
t
i
w
d
e
s
u
s
i
B
1
3
0
3
S
e
h
t
n
e
h
W
.
9
1
e
r
u
g
i
F
n
i
n
w
o
h
s
s
a
s
t
u
p
n
i
N
/
P
I
T
A
D
S
R
e
h
t
d
n
a
n
e
p
o
t
f
e
l
e
b
d
l
u
o
h
s
t
u
p
n
i
s
i
h
t
r
e
v
i
e
c
e
r
.
d
e
s
u
e
b
d
l
u
o
h
s
L
E
S
L
A
U
Q
EL
T
TI
1
5A
.
N
I
T
A
D
N
A
r
o
N
/
P
I
T
A
D
S
R
t
c
e
l
e
s
o
t
d
e
s
U
t
c
e
l
e
S
n
o
i
t
a
z
il
a
u
q
E
.
N
I
T
A
D
N
A
s
t
c
e
l
e
s
h
g
i
H
c
i
g
o
l
P
I
T
A
D
S
R
N
I
T
A
D
S
R
.
f
f
i
D
L
C
E
P
I6
6
5
6
n
o
s
n
o
i
t
i
s
n
a
r
t
m
o
r
f
d
e
r
e
v
o
c
e
r
s
i
k
c
o
l
C
.
n
I
a
t
a
D
l
a
i
r
e
S
e
v
i
e
c
e
R
.
L
E
S
L
A
U
Q
E
y
b
d
e
t
c
e
l
e
s
n
e
h
w
s
t
u
p
n
i
e
s
e
h
t
B
T
S
R
X
RL
T
TI
5
7n
w
o
n
k
a
o
t
e
c
i
v
e
d
e
h
t
s
e
z
i
l
a
i
t
i
n
I
.
w
o
L
e
v
i
t
c
A
.
t
e
s
e
R
r
e
v
i
e
c
e
R
e
h
t
o
t
e
r
i
u
q
c
a
o
t
L
L
P
e
h
t
s
e
c
r
o
f
d
n
a
,
N
/
P
O
K
L
C
S
R
f
f
o
s
t
u
h
s
,
e
t
a
t
s
t
a
d
e
il
p
p
a
e
b
d
l
u
o
h
s
s
m
6
1
t
s
a
e
l
t
a
f
o
t
e
s
e
r
A
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
e
h
t
o
t
e
r
i
u
q
c
a
e
r
o
t
y
r
a
s
s
e
c
e
n
s
i
t
i
r
e
v
e
n
e
h
w
d
n
a
p
u
-
r
e
w
o
p
e
c
n
e
r
e
f
e
r
e
h
t
o
t
e
r
i
u
q
c
a
e
r
o
s
l
a
ll
i
w
B
1
3
0
3
S
e
h
T
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
n
a
t
s
n
o
c
r
o
s
e
n
o
t
n
a
t
s
n
o
c
(
t
n
e
c
s
e
i
u
q
d
l
e
h
s
i
a
t
a
d
l
a
i
r
e
s
e
h
t
f
i
k
c
o
l
c
t
i
b
4
2
2
t
s
a
e
l
t
a
r
o
f
d
e
t
a
v
i
t
c
a
e
r
a
T
P
O
S
O
L
r
o
N
I
S
O
L
r
o
,
)
s
o
r
e
z
.
s
l
a
v
r
e
t
n
i
N
I
Gg
o
l
a
n
AI
6
3.
n
o
i
t
c
n
u
f
r
e
z
il
a
u
q
e
l
a
n
r
e
t
n
i
r
o
f
k
c
o
l
b
n
i
a
g
B
d
5
2
o
t
t
u
p
n
I
N
I
S
O
Lg
o
l
a
n
AI
8
4f
o
s
s
o
l
a
s
e
t
a
c
i
d
n
i
t
a
h
t
t
u
p
n
i
d
e
d
n
e
-
e
l
g
n
i
s
A
.
n
I
l
a
n
g
i
S
f
o
s
s
o
L
e
h
t
w
o
l
e
b
s
p
o
r
d
N
I
S
O
L
t
a
l
e
v
e
l
l
a
n
g
i
s
e
h
t
n
e
h
W
.
l
a
n
g
i
s
d
e
v
i
e
c
e
r
t
i
b
0
0
2
o
t
0
0
1
n
a
h
t
r
e
t
a
e
r
g
r
o
f
F
E
R
S
O
L
y
b
t
e
s
l
e
v
e
l
e
g
a
t
l
o
v
d
e
c
r
o
f
e
b
ll
i
w
)
N
/
P
O
T
A
D
S
R
(
t
u
O
a
t
a
D
l
a
i
r
e
S
n
o
a
t
a
d
e
h
t
,
s
l
a
v
r
e
t
n
i
e
h
t
m
o
r
f
e
c
n
e
r
e
f
e
r
s
t
i
e
g
n
a
h
c
ll
i
w
L
L
P
e
h
t
d
n
a
,
w
o
l
t
n
a
t
s
n
o
c
a
o
t
n
e
v
i
r
d
e
b
o
t
s
i
t
u
p
n
i
s
i
h
T
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
e
h
t
o
t
m
a
e
r
t
s
a
t
a
d
l
a
i
r
e
s
n
w
o
h
s
s
a
t
i
u
c
r
i
c
t
c
e
t
e
d
k
a
e
p
d
n
a
r
e
t
li
f
s
s
a
p
d
n
a
b
l
a
n
r
e
t
x
e
e
h
t
y
b
c
i
t
a
m
o
t
u
a
t
c
e
r
r
o
c
e
r
u
s
s
a
o
t
d
e
s
u
e
b
t
s
u
m
l
a
n
g
i
s
s
i
h
T
.
9
1
e
r
u
g
i
F
n
i
t
n
e
u
q
e
s
b
u
s
d
n
a
n
o
i
t
p
u
r
r
e
t
n
i
n
a
g
n
i
w
o
ll
o
f
a
t
a
d
l
a
i
r
e
s
o
t
n
o
i
t
i
s
i
u
q
a
e
r
s
e
o
d
L
L
P
e
h
t
t
a
h
t
e
r
u
s
s
a
ll
i
w
s
i
h
T
.
h
t
a
p
a
t
a
d
e
h
t
f
o
n
o
i
t
c
e
n
n
o
c
e
r
.
d
e
il
p
p
a
s
i
l
a
n
g
i
s
o
n
n
e
h
w
e
g
n
a
r
n
o
i
t
i
s
i
u
q
a
e
r
f
o
t
u
o
r
e
d
n
a
w
t
o
n
e
b
ll
i
w
s
n
i
p
N
/
P
I
T
A
D
S
R
e
h
t
n
o
a
t
a
d
,
e
v
i
t
c
a
n
i
s
i
N
I
S
O
L
n
e
h
W
.
y
ll
a
m
r
o
n
d
e
s
s
e
c
o
r
p
Table 4. Receiver Input Pin Assignment and Description


Similar Part No. - S3031BH0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S3031-D300 ETC1-S3031-D300 Datasheet
105Kb / 2P
   Scavenger Transceiver Module STM 300 and STM 300C
More results

Similar Description - S3031BH0

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPR1621GE PCA-EPR1621GE Datasheet
25Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
EPR1622SE PCA-EPR1622SE Datasheet
41Kb / 1P
   E4/STM-1/STS-3/OC-3 Interface Transformer
logo
NXP Semiconductors
MC92501 NXP-MC92501 Datasheet
236Kb / 6P
   OC-3/STM-1 ATM Cell Processor
9/10/98
logo
M/A-COM Technology Solu...
29704-BRF-003-A MA-COM-29704-BRF-003-A_15 Datasheet
366Kb / 2P
   OptiPHY??F155 Quad OC-3/STM-1 ATM/POS PHY
29704-BRF-003-A MA-COM-29704-BRF-003-A Datasheet
366Kb / 2P
   OptiPHY F155 Quad OC-3/STM-1 ATM/POS PHY
logo
Exar Corporation
XRT95L34 EXAR-XRT95L34 Datasheet
14Kb / 2P
   OC-12/STM-4, QUAD OC-3/STM-1 POS/ATM FRAMER WITH INTEGRATED CDR?셎
logo
Finisar Corporation.
FTLF1323F2GTR FINISAR-FTLF1323F2GTR Datasheet
217Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323F2XTR FINISAR-FTLF1323F2XTR Datasheet
246Kb / 10P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x5 SFF Transceiver
FTLF1323S2GTR FINISAR-FTLF1323S2GTR Datasheet
248Kb / 11P
   OC-3 SR-1/STM I-1 or OC-3 IR-1/STM S-1.1 2x10 SFF Transceiver
logo
List of Unclassifed Man...
TTC-2T13 ETC1-TTC-2T13 Datasheet
94Kb / 2P
   1 X 9 Fiber Optic Transceiver for 155 Mbps ATM, SONET OC-3/SDH STM-1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com