Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDL-5880-C22 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-5880-C22
Description  High Speed Photodiode in Top View Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-5880-C22 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-5880-C22 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-5880-C22 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-5880-C22 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-5880-C22 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASDL-5880-C22 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

ASDL-5880
High Speed Photodiode in Top View Package
Data Sheet
Description
ASDL-5880 is a Silicon PIN Photodiode encapsulated in
clear Top View low profile package. It is ideal for applica-
tions from 700nm to 1100nm that require high sensitivity
with low dark current and short switching time.
Features
• Top View Package
• Short Switching Time
• High Sensitivity
• Low Dark Current
• Low Junction Capacitance
• Wide viewing Angle
• Lead Free & ROHS Compliant
• Available in Tape & Reel
Applications
• IR Remote Control for Consumer Device
• IR Remote Control for Industrial Electronics &
Equipment
• High Speed IR data communication


Similar Part No. - ASDL-5880-C22

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-5270 AVAGO-ASDL-5270 Datasheet
193Kb / 5P
   High-Performance Photodiode in T-1쩐 Package
ASDL-5270-D22 AVAGO-ASDL-5270-D22 Datasheet
193Kb / 5P
   High-Performance Photodiode in T-1쩐 Package
ASDL-5270-D31 AVAGO-ASDL-5270-D31 Datasheet
193Kb / 5P
   High-Performance Photodiode in T-1쩐 Package
ASDL-5770 AVAGO-ASDL-5770 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
ASDL-5770-D22 AVAGO-ASDL-5770-D22 Datasheet
195Kb / 5P
   High Performance Photodiode in Side Look Package
More results

Similar Description - ASDL-5880-C22

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OP980 TTELEC-OP980 Datasheet
297Kb / 5P
   Silicon Photodiode in Top-View PLCC-2 Package
logo
Vishay Siliconix
TSSF4500 VISHAY-TSSF4500 Datasheet
50Kb / 3P
   High Speed Infrared Emitting Diode in Side View Package
Rev. 3, 20-May-99
logo
KODENSHI_AUK CORP.
LW831 KODENSHI-LW831 Datasheet
898Kb / 1P
   high-brightness white smd top view package
LW829 KODENSHI-LW829 Datasheet
869Kb / 1P
   high-brightness white smd top view package
LD806 KODENSHI-LD806 Datasheet
831Kb / 1P
   high-brightness white smd top view package
logo
Everlight Electronics C...
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21-T3C-EU1V2M-2A0 EVERLIGHT-67-21-T3C-EU1V2M-2A0 Datasheet
161Kb / 12P
   Reverse Package Top View LEDs
67-21UYOC-S530-A2-TR10 EVERLIGHT-67-21UYOC-S530-A2-TR10 Datasheet
146Kb / 10P
   Reverse Package Top View LEDs
logo
LUXPIA
LGM1037 LUXPIA-LGM1037 Datasheet
299Kb / 14P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
LRM1037 LUXPIA-LRM1037 Datasheet
635Kb / 16P
   Package : SMD Top View Type (1chip, 1Zener in 1PKG)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com