Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASDL-6771-C22 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASDL-6771-C22
Description  High Sensitivity Silicon NPN Phototransistor in Side Look Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASDL-6771-C22 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  ASDL-6771-C22 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASDL-6771-C22 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASDL-6771-C22 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASDL-6771-C22 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Electrical/Optical Characteristics Curves (TA=25˚C unless otherwise indicated)
FIGURE 1. COLLECTOR DARK CURRENT VS AMBIENT TEMPERATURE
Ta-Ambient Temperature- C
40
0
80
o
120
0
0.01
0.1
100
1
10
Ta-Ambient Temperature- C
FIGURE 2. COLLECTOR POWER DISSIPATION VS AMBIENT TEMPERATURE
0
20
40
60
80
120
100
-20
-40
0
40
20
60
100
o
80
4
FIGURE 4. RELATIVE COLLECTOR CURRENT VS IRRADIANCE
Ee-Irradiance-mW/cm
0
1
3
2
5
2
3.0
2.0
1.0
0
4.0 Vce= 5V
140
120
100
20
0
80
60
40
200
180
160
RL-Load Resistance-K
FIGURE 3. RISE AND FALL TIME VS LOAD RESISTANCE
0
2
4
6
8
10
PW =1ms
F =100Hz
VRL=1V
Vcc=5V
0.5
FIGURE 5. SENSITIVITY DIAGRAM
0.6
0.3 0.1
0.4
0.2
0.7
0.8
0.9
1.0
o
0
o
10
o
20
70
80
90
o
o
50
60
o
o
40
o
o
30
o
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies, Limited in the United States and other countries.
Data subject to change. Copyright © 007 Avago Technologies Limited. All rights reserved.
AV0-005EN - January , 007


Similar Part No. - ASDL-6771-C22

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6770 AVAGO-ASDL-6770 Datasheet
180Kb / 4P
   High Performance Silicon NPN Phototransistor in Side Look Package
ASDL-6770-C22 AVAGO-ASDL-6770-C22 Datasheet
180Kb / 4P
   High Performance Silicon NPN Phototransistor in Side Look Package
ASDL-6770-C41 AVAGO-ASDL-6770-C41 Datasheet
180Kb / 4P
   High Performance Silicon NPN Phototransistor in Side Look Package
More results

Similar Description - ASDL-6771-C22

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6770 AVAGO-ASDL-6770 Datasheet
180Kb / 4P
   High Performance Silicon NPN Phototransistor in Side Look Package
logo
Unity Opto Technology
MID-95R3L UOT-MID-95R3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-95A3LH UOT-MID-95A3LH Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-94A3L UOT-MID-94A3L Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-14H22 UOT-MID-14H22 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-94A46 UOT-MID-94A46 Datasheet
39Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-95A3L UOT-MID-95A3L Datasheet
31Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-14422 UOT-MID-14422 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
MID-14A22 UOT-MID-14A22 Datasheet
30Kb / 2P
   SIDE LOOK PACKAGE NPN PHOTOTRANSISTOR
logo
BRIGHT LED ELECTRONICS ...
BPT-NP03C1 BRIGHT-BPT-NP03C1 Datasheet
253Kb / 5P
   SIDE- LOOK PACKAGE PHOTOTRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com