Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APDS-9006-020 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # APDS-9006-020
Description  Miniature Surface-Mount Ambient Light Photo Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

APDS-9006-020 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  APDS-9006-020 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED APDS-9006-020 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

APDS-9006-020
Miniature Surface-Mount Ambient Light Photo Sensor
Data Sheet
Description
The APDS-9006 is a low cost analog-output ambient light
photo sensor in a Reverse Mount, 4 pin miniature chipLED
lead free surface mount package, with temperature and
voltage compensation features. It consists of a spectrally
suited photo sensor, which provides excellent respon-
sivity that is close to the response of the human eyes, as
shown in figure 2.
The APDS-9006 is ideal for applications in which the
measurement of ambient light is used to control display
backlighting such as in Note-book, mobile phone, PDA
applications that draw heavy current from display back-
lighting will benefit from incorporating these photo
sensor products in their designs by reducing power con-
sumption significantly. Other applications include ESS,
Automatic Residential and Commercial Lighting Manage-
ment.
Features
• Excellent responsivity which peaks in the human
luminosity curve, close responsivity to the human eye
• ChipLED surface-mount package – Reverse Mounting
Height – 1.10mm
Width – 3.20mm
Depth – 1.60mm
• Good output linearity across wide illumination range
• Low sensitivity variation across various light sources
• Stable performance over temperature and voltage
• Operating temperature, -40°C to 85°C
• Vcc supply 2.4 to 5.5V
• Lead-free package
Applications
• Detection of ambient light to control display
backlighting
Mobile devices – Mobile phones, PDAs
Computing devices – Notebooks, Webpads
Consumer devices – TVs, Video Cameras, Digital Still
Cameras
• Automatic Residential and Commercial Lighting
Management
• Electronic Signs and Signals


Similar Part No. - APDS-9006-020

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results

Similar Description - APDS-9006-020

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
APDS-9002 HP-APDS-9002 Datasheet
212Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9008 AVAGO-APDS-9008_09 Datasheet
354Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9008 BOARDCOM-APDS-9008 Datasheet
403Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9005 AVAGO-APDS-9005 Datasheet
685Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Broadcom Corporation.
APDS-9006 BOARDCOM-APDS-9006 Datasheet
720Kb / 12P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9002 AVAGO-APDS-9002_12 Datasheet
169Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
Agilent(Hewlett-Packard...
HSDL9000 HP-HSDL9000 Datasheet
270Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9004 AVAGO-APDS-9004 Datasheet
316Kb / 14P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9002 AVAGO-APDS-9002 Datasheet
146Kb / 16P
   Miniature Surface-Mount Ambient Light Photo Sensor
APDS-9009 AVAGO-APDS-9009 Datasheet
696Kb / 10P
   Miniature Surface-Mount Ambient Light Photo Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com