Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906LT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBT3906LT3G
Description  General Purpose Transistor PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3906LT3G Datasheet(HTML) 3 Page - ON Semiconductor

  MMBT3906LT3G Datasheet HTML 1Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 2Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 3Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 4Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 5Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 6Page - ON Semiconductor MMBT3906LT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MMBT3906LT1
http://onsemi.com
3
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
Figure 3. Capacitance
REVERSE BIAS (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 5. Turn-On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
Figure 6. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V


Similar Part No. - MMBT3906LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT3906LT3G ONSEMI-MMBT3906LT3G Datasheet
97Kb / 6P
   General Purpose Transistor(PNP Silicon)
February, 2004 ??Rev. 4
MMBT3906LT3G ONSEMI-MMBT3906LT3G Datasheet
126Kb / 7P
   General Purpose Transistor
January, 2011 ??Rev. 9
MMBT3906LT3G ONSEMI-MMBT3906LT3G Datasheet
128Kb / 7P
   General Purpose Transistor
November, 2011 ??Rev. 10
MMBT3906LT3G ONSEMI-MMBT3906LT3G Datasheet
140Kb / 7P
   General Purpose Transistor
October, 2016 ??Rev. 12
More results

Similar Description - MMBT3906LT3G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com