Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT3906LT1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMBT3906LT1
Description  General Purpose Transistor PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT3906LT1 Datasheet(HTML) 4 Page - ON Semiconductor

  MMBT3906LT1 Datasheet HTML 1Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 2Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 3Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 4Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 5Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 6Page - ON Semiconductor MMBT3906LT1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMBT3906LT1
http://onsemi.com
4
TYPICAL AUDIO SMALL-SIGNAL CHARACTERISTICS
NOISE FIGURE VARIATIONS
(VCE = -5.0 Vdc, TA = 25°C, Bandwidth = 1.0 Hz)
Figure 7.
f, FREQUENCY (kHz)
2.0
3.0
4.0
5.0
1.0
0.1
Figure 8.
Rg, SOURCE RESISTANCE (k OHMS)
0
1.0
2.0
4.0
10
20
40
0.2
0.4
0
100
4
6
8
10
12
2
0.1
1.0
2.0
4.0
10
20
40
0.2
0.4
100
f = 1.0 kHz
IC = 1.0 mA
IC = 0.5 mA
IC = 50 mA
IC = 100 mA
SOURCE RESISTANCE = 200
W
IC = 1.0 mA
SOURCE RESISTANCE = 200
W
IC = 0.5 mA
SOURCE RESISTANCE = 2.0 k
IC = 100 mA
SOURCE RESISTANCE = 2.0 k
IC = 50 mA
h PARAMETERS
(VCE = -10 Vdc, f = 1.0 kHz, TA = 25°C)
Figure 9. Current Gain
IC, COLLECTOR CURRENT (mA)
70
100
200
300
50
Figure 10. Output Admittance
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Impedance
IC, COLLECTOR CURRENT (mA)
Figure 12. Voltage Feedback Ratio
IC, COLLECTOR CURRENT (mA)
30
100
50
10
20
2.0
3.0
5.0
7.0
10
1.0
0.1
0.2
1.0
2.0
5.0
0.5
10
0.3
0.5
3.0
0.7
2.0
5.0
10
20
1.0
0.2
0.5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
7
5
0.1
0.2
1.0
2.0
5.0
10
0.3
0.5
3.0
70
30
0.7
7.0
0.7
7.0
7.0
3.0
0.7
0.3
0.7
7.0
0.7
7.0


Similar Part No. - MMBT3906LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBT3906LT1 MOTOROLA-MMBT3906LT1 Datasheet
221Kb / 8P
   General Purpose Transistor
logo
ON Semiconductor
MMBT3906LT1 ONSEMI-MMBT3906LT1 Datasheet
97Kb / 6P
   General Purpose Transistor(PNP Silicon)
February, 2004 ??Rev. 4
logo
Leshan Radio Company
MMBT3906LT1 LRC-MMBT3906LT1 Datasheet
226Kb / 5P
   General Purpose Transistor(PNP Silicon)
logo
Tiger Electronic Co.,Lt...
MMBT3906LT1 TGS-MMBT3906LT1 Datasheet
43Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT3906LT1 WILLAS-MMBT3906LT1 Datasheet
664Kb / 6P
   General Purpose Transistors PNP Silicon
More results

Similar Description - MMBT3906LT1

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
A733LT1 WEITRON-A733LT1 Datasheet
1Mb / 4P
   General Purpose Transistor PNP Silicon
logo
ON Semiconductor
MMBT2907AWT1 ONSEMI-MMBT2907AWT1 Datasheet
76Kb / 4P
   General Purpose Transistor(PNP Silicon)
April, 2004 ??Rev. 3
logo
Weitron Technology
BC807-16 WEITRON-BC807-16 Datasheet
322Kb / 4P
   General Purpose Transistor PNP Silicon
MMBT3906 WEITRON-MMBT3906 Datasheet
300Kb / 6P
   General Purpose Transistor PNP Silicon
logo
SeCoS Halbleitertechnol...
2SA727 SECOS-2SA727_15 Datasheet
250Kb / 2P
   PNP Silicon General Purpose Transistor
logo
ON Semiconductor
BCW68GLT1G ONSEMI-BCW68GLT1G Datasheet
113Kb / 3P
   General Purpose Transistor PNP Silicon
August, 2009 ??Rev. 5
logo
Zowie Technology Corpor...
MMBT2907A ZOWIE-MMBT2907A Datasheet
90Kb / 4P
   GENERAL PURPOSE TRANSISTOR PNP SILICON
logo
SeCoS Halbleitertechnol...
2N2907A SECOS-2N2907A Datasheet
210Kb / 5P
   PNP Silicon General Purpose Transistor
2SA1036K SECOS-2SA1036K Datasheet
227Kb / 2P
   PNP Silicon General Purpose Transistor
2SA1576F SECOS-2SA1576F Datasheet
439Kb / 3P
   PNP Silicon General Purpose Transistor
2SB709A SECOS-2SB709A Datasheet
564Kb / 3P
   PNP Silicon General Purpose Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com