Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2225-4SYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2225-4SYMT
Description  2MHz 600mA Synchronous Buck Regulator with 300mA LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2225-4SYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2225-4SYMT Datasheet HTML 4Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 5Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 6Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 7Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 8Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 9Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 10Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 11Page - Micrel Semiconductor MIC2225-4SYMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
MIC2225
October 2007
8
M9999-101107-B
Functional Characteristics


Similar Part No. - MIC2225-4SYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225-4SYMT MICREL-MIC2225-4SYMT Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
More results

Similar Description - MIC2225-4SYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2225 MICREL-MIC2225_08 Datasheet
360Kb / 15P
   2MHz 600mA Synchronous Buck Regulator with 300mA LDO
MIC2205 MICREL-MIC2205_06 Datasheet
981Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
logo
Global Mixed-mode Techn...
G5723B GMT-G5723B Datasheet
63Kb / 1P
   1.4MHz 1A Synchronous Buck Converter with 600mA LDO Regulator
logo
Anpec Electronics Corop...
APW7566 ANPEC-APW7566 Datasheet
253Kb / 19P
   The Synchronous Buck Converter with 300mA LDO
logo
Lowpower Semiconductor ...
LP78081 POWER-LP78081 Datasheet
385Kb / 8P
   600mA High Efficiency Synchronous Buck with 350mA LDO
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
logo
Enpirion, Inc.
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com