Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L008AUV-90F Datasheet(PDF) 6 Page - AMIC Technology

Part # A29L008AUV-90F
Description  1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L008AUV-90F Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29L008AUV-90F Datasheet HTML 2Page - AMIC Technology A29L008AUV-90F Datasheet HTML 3Page - AMIC Technology A29L008AUV-90F Datasheet HTML 4Page - AMIC Technology A29L008AUV-90F Datasheet HTML 5Page - AMIC Technology A29L008AUV-90F Datasheet HTML 6Page - AMIC Technology A29L008AUV-90F Datasheet HTML 7Page - AMIC Technology A29L008AUV-90F Datasheet HTML 8Page - AMIC Technology A29L008AUV-90F Datasheet HTML 9Page - AMIC Technology A29L008AUV-90F Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
A29L008A Series
(October, 2006, Version 1.0)
5
AMIC Technology, Corp.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive
the
CE and OE pins to VIL. CE is the power control and
selects the device.
OE is the output control and gates array
data to the output pins.
WE should remain at VIH all the time
during read operation. The internal state machine is set for
reading array data upon device power-up, or after a
hardware reset. This ensures that no spurious alteration of
the memory content occurs during the power transition. No
command is necessary in this mode to obtain array data.
Standard microprocessor read cycles that assert valid
addresses on the device address inputs produce valid data
on the device data outputs. The device remains enabled for
read access until the command register contents are altered.
See "Reading Array Data" for more information. Refer to the
AC Read Operations table for timing specifications and to the
Read Operations Timings diagram for the timing waveforms,
lCC1 in the DC Characteristics table represents the active
current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and
OE to VIH. The device features an Unlock Bypass mode to
facilitate faster programming. Once the device enters the
Unlock Bypass mode, only two write cycles are required to
program a word or byte, instead of four. The “
Program Command Sequence” section has details on
programming data to the device using both standard and
Unlock Bypass command sequence. An erase operation can
erase one sector, multiple sectors, or the entire device. The
Sector Address Tables indicate the address range that each
sector occupies. A "sector address" consists of the address
inputs required to uniquely select a sector. See the
"Command Definitions" section for details on erasing a sector
or the entire chip, or suspending/resuming the erase
operation.
After the system writes the autoselect command sequence,
the device enters the autoselect mode. The system can then
read autoselect codes from the internal register (which is
separate from the memory array) on I/O7 - I/O0. Standard
read cycle timings apply in this mode. Refer to the
"Autoselect Mode" and "Autoselect Command Sequence"
sections for more information.
ICC2 in the DC Characteristics table represents the active
current
specification
for
the
write
mode.
The
"AC
Characteristics" section contains timing specification tables
and timing diagrams for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may
check the status of the operation by reading the status bits
on I/O7 - I/O0. Standard read cycle timings and ICC read
specifications apply. Refer to "Write Operation Status" for
more information, and to each AC Characteristics section for
timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it can
place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the
OE input.
The device enters the CMOS standby mode when the
CE &
RESET pins are both held at VCC ± 0.3V. (Note that this is a
more restricted voltage range than VIH.) If
CE and RESET
are held at VIH, but not within VCC
± 0.3V, the device will be
in the standby mode, but the standby current will be greater.
The device requires the standard access time (tCE) before it
is ready to read data.
If the device is deselected during erasure or programming,
the device draws active current until the operation is
completed.
ICC3 and ICC4 in the DC Characteristics tables represent the
standby current specification.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy
consumption. The device automatically enables this mode
when addresses remain stable for tACC +30ns. The automatic
sleep mode is independent of the
CE , WE and OE control
signals. Standard address access timings provide new data
when addresses are changed. While in sleep mode, output
data is latched and always available to the system. ICC4 in the
DC Characteristics table represents the automatic sleep
mode current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
RESET : Hardware Reset Pin
The RESET pin provides a hardware method of resetting
the device to reading array data. When the system drives the
RESET pin low for at least a period of tRP, the device
immediately terminates any operation in progress, tristates
all data output pins, and ignores all read/write attempts for
the duration of the RESET pulse. The device also resets the
internal state machine to reading array data. The operation
that was interrupted should be reinitiated once the device is
ready to accept another command sequence, to ensure data
integrity.
Current is reduced for the duration of the RESET pulse.
When RESET is held at VSS ± 0.3V, the device draws
CMOS standby current (ICC4). If RESET is held at VIL but not
within VSS
± 0.3V, the standby current will be greater.
The RESET pin may be tied to the system reset circuitry. A
system reset would thus also reset the Flash memory,
enabling the system to read the boot-up firmware from the
Flash memory.
If RESET is asserted during a program or erase operation,
the RY/
BY pin remains a “0” (busy) until the internal reset
operation is complete, which requires a time tREADY (during
Embedded Algorithms). The system can thus monitor
RY/
BY to determine whether the reset operation is
complete. If RESET is asserted when a program or erase
operation is not executing (RY/
BY pin is “1”), the reset
operation is completed within a time of tREADY (not during
Embedded Algorithms). The system can read data tRH after
the RESET pin return to VIH.
Refer
to
the
AC
Characteristics
tables
for
RESET
parameters and diagram.


Similar Part No. - A29L008AUV-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-70 AMICC-A29L008TV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90 AMICC-A29L008TV-90 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90U AMICC-A29L008TV-90U Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008UV-70 AMICC-A29L008UV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L008AUV-90F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com