Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L008ATV-90U Datasheet(PDF) 4 Page - AMIC Technology

Part # A29L008ATV-90U
Description  1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29L008ATV-90U Datasheet(HTML) 4 Page - AMIC Technology

  A29L008ATV-90U Datasheet HTML 1Page - AMIC Technology A29L008ATV-90U Datasheet HTML 2Page - AMIC Technology A29L008ATV-90U Datasheet HTML 3Page - AMIC Technology A29L008ATV-90U Datasheet HTML 4Page - AMIC Technology A29L008ATV-90U Datasheet HTML 5Page - AMIC Technology A29L008ATV-90U Datasheet HTML 6Page - AMIC Technology A29L008ATV-90U Datasheet HTML 7Page - AMIC Technology A29L008ATV-90U Datasheet HTML 8Page - AMIC Technology A29L008ATV-90U Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
A29L008A Series
(October, 2006, Version 1.0)
3
AMIC Technology, Corp.
Block Diagram
Pin Descriptions
Pin No.
Description
A0 - A19
Address Inputs
I/O0 - I/O7
Data Inputs/Outputs
CE
Chip Enable
WE
Write Enable
OE
Output Enable
RESET
Hardware Reset
BYTE
Selects Byte Mode or Word Mode
RY/
BY
Ready/
BUSY - Output
VSS
Ground
VCC
Power Supply
NC
Pin not connected internally
State
Control
Command
Register
X-decoder
Y-Decoder
Chip Enable
Output Enable
Logic
Cell Matrix
Y-Gating
VCC Detector
PGM Voltage
Generator
Data Latch
Input/Output
Buffers
Erase Voltage
Generator
VCC
VSS
WE
CE
OE
A0-A19
I/O0 - I/O7
Timer
STB
STB
RESET
Sector Switches
BYTE
RY/BY


Similar Part No. - A29L008ATV-90U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-70 AMICC-A29L008TV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90 AMICC-A29L008TV-90 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008TV-90U AMICC-A29L008TV-90U Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L008UV-70 AMICC-A29L008UV-70 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29L008ATV-90U

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L008 AMICC-A29L008 Datasheet
335Kb / 36P
   1M X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800C AMICC-A29L800C Datasheet
444Kb / 37P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only,Boot Sector Flash Memory
A29L800 AMICC-A29L800 Datasheet
396Kb / 41P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L800A AMICC-A29L800A Datasheet
503Kb / 36P
   1M X 8 Bit / 512K X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160_07 Datasheet
531Kb / 42P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L160 AMICC-A29L160 Datasheet
556Kb / 45P
   2M X 8 Bit / 1M X 16 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L004A AMICC-A29L004A Datasheet
528Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
A29L001 AMICC-A29L001 Datasheet
401Kb / 35P
   128K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160E EXCELSEMI-ES29LV160E Datasheet
700Kb / 53P
   16Mbit(2M x 8/1M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com